Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3610 Datasheet(PDF) 13 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 13 Page - ams AG

Back Button AS3610 Datasheet HTML 9Page - ams AG AS3610 Datasheet HTML 10Page - ams AG AS3610 Datasheet HTML 11Page - ams AG AS3610 Datasheet HTML 12Page - ams AG AS3610 Datasheet HTML 13Page - ams AG AS3610 Datasheet HTML 14Page - ams AG AS3610 Datasheet HTML 15Page - ams AG AS3610 Datasheet HTML 16Page - ams AG AS3610 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
12 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
8.1.8
NTC supervision
This charger block also features a supply for an external NTC resistor to measure the battery temperature while charging. If the temperature is
too high (voltage on NTC pin is below VBATTEMP_ON) the charger will stop operation (stop_charging=1).
When the battery temperature drops, the voltage on NTC pin will rise above VBATTEMP_OFF and the charger will start charging again. This is
forming a temperature hysteresis of about 3 to 5°C to avoid an oscillation of the charger.
The levels for switching off the charger (ntc_temp: 45ºC or 55ºC) as well as the type of NTC (ntc_10k: 10k or 100k) can be selected via
register settings. The battery temperature supervision via the NTC can be switched off (ntc_on = 0).
The supply for the NTC will be only on when a charger is detected and ntc_on bit is set.
8.2
Step up converter mode (OTG Boost)
The step down charger can also be used in a boost mode providing an output voltage VBOOST on pin VBUS typ 5.05V. In that mode the current
direction is inverted to the charging mode providing current from the battery to the VBUS pin. To enable that mode, it’s necessary that the charger
is disabled (XEN=1 or chg_en=0) and the bit boost_en is set (and for AS3611 the pin OTG_BOOST=1). The bit boost_lowcurr selects the output
current capability between 200mA and 500mA.
8.2.1
Softstart of OTG booster
There is a softstart implemented to reduced inrush current on the VBAT input. For approx. 1msec after the booster is enabled the
output current is limited below 100mA. After that startup time the full current is available.
8.2.2
Short-circuit and overvoltage protection circuit
To protect the booster, the battery capacity and the circuit connected to VBUS there are multiple protection circuits implemented:
- VBAT drops below 2.6V (typ)
- VBUS is above 5.3V (typ)
- Booster is in current limit operation (e.g. output VBUS is overloaded or shorted to GND)
If one of these conditions is valid for more that 30msec debounce time (debounce_timer=00b), the booster is stopped and the boost_error bit is
set. To restart the booster it’s necessary to set boost_en=0 and 1 again. (For AS3611 the OTG_BOOST pin has to be set to 0 and 1 again).
If the die Temp is above 140deg the booster is stopped and restarted automatically when the die temperature drops.
8.3
2-Wire-Serial Control Interface
8.3.1
Feature List
Fast-mode capability (max. SCL-frequency is 400 kHz)
7+1-bit addressing mode
60h x 8-bit data registers (word address 0x00 - 0x60)
Write formats: Single-Byte-Write, Page-Write
Read formats: Current-Address-Read, Random-Read, Sequential-Read
SDA input delay and SCL spike filtering by integrated RC-components
8.3.2
Protocol
Table 4. 2-Wire Serial Symbol Definition
Symbol
Definition
RW
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
DW
Device address for write
R
1000 1100b (8Ch)
DR
Device address for read
R
1000 1101b (8Dh)
WA
Word address
R
8 bit
A
Acknowledge
W
1 bit
N
No Acknowledge
R
1 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com