Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3610 Datasheet(PDF) 14 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 14 Page - ams AG

Back Button AS3610 Datasheet HTML 10Page - ams AG AS3610 Datasheet HTML 11Page - ams AG AS3610 Datasheet HTML 12Page - ams AG AS3610 Datasheet HTML 13Page - ams AG AS3610 Datasheet HTML 14Page - ams AG AS3610 Datasheet HTML 15Page - ams AG AS3610 Datasheet HTML 16Page - ams AG AS3610 Datasheet HTML 17Page - ams AG AS3610 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
13 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 15. Byte Write
Figure 16. Page Write
Byte Write and Page Write formats are used to write data to the slave.
The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state (the bus is free). The device-
write address is followed by the word address. After the word address any number of data bytes can be sent to the slave. The word address is
incremented internally, in order to write subsequent data bytes on subsequent address locations.
For reading data from the slave device, the master has to change the transfer direction. This can be done either with a repeated START condition
followed by the device-read address, or simply with a new transmission START followed by the device-read address, when the bus is in IDLE
state. The device-read address is always followed by the 1st register byte transmitted from the slave. In Read Mode any number of subsequent
register bytes can be read from the slave. The word address is incremented internally.
Figure 17. Random Read
Random Read and Sequential Read are combined formats. The repeated START condition is used to change the direction after the data transfer
from the master.
The word address transfer is initiated with a START condition issued by the master while the bus is idle. The START condition is followed by the
device-write address and the word address.
In order to change the data direction a repeated START condition is issued on the 1st SCL pulse after the acknowledge bit of the word address
transfer. After the reception of the device-read address, the slave becomes the transmitter. In this state the slave transmits register data located
by the previous received word address vector. The master responds to the data byte with a not-acknowledge, and issues a STOP condition on
the bus.
Figure 18. Sequential Read
reg_data
Register data/write
R
8 bit
data (n)
Register data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Increment word address internally
R
during acknowledge
Table 4. 2-Wire Serial Symbol Definition
Symbol
Definition
RW
Note
S
DW
A
WA
A
reg_data
A
P
write register
WA++
S
DW
A
WA
A
reg_data 1
A
P
write register
WA++
reg_data 2
A
write register
WA++
reg_data n
A
write register
WA++
...
S
DW
A
WA
A
N
A
read register
WA++
data
Sr
DR
P
S
DW
A
WA
A
N
A
read register
WA++
data
Sr
DR
P
reg_data 2
A
read register
WA++
reg_data n
...
A
read register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com