Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3610 Datasheet(PDF) 22 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 22 Page - ams AG

Back Button AS3610 Datasheet HTML 18Page - ams AG AS3610 Datasheet HTML 19Page - ams AG AS3610 Datasheet HTML 20Page - ams AG AS3610 Datasheet HTML 21Page - ams AG AS3610 Datasheet HTML 22Page - ams AG AS3610 Datasheet HTML 23Page - ams AG AS3610 Datasheet HTML 24Page - ams AG AS3610 Datasheet HTML 25Page - ams AG AS3610 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
21 - 25
AS3610/11
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 21. AS3611 USB detection
Table 9. External Components
Symbol
Parameter
Note
Min
Typ
Max
Unit
CVBUS
Input capacitor
Ceramic X5R or X7R, 16 or 25V
-20%
4.7
+120%
F
CVBAT
Output capacitor
Ceramic X5R or X7R, 6.3V
-20%
10
+120%
F
CVDD_INT
Output capacitor
Ceramic X5R or X7R
-20%
1
+100%
F
L
Inductor (chip coil)
LQM2HPN1R0MJ0 (Murata), Isat=1.5A,
ESR=0.85mOhm
MLP2520S1R0M (TDK), Isat=1.5A,
ESR=0.85mOhm
1
H
RSET
Resistor for CC current
setting
550mA
650mA
750mA
850mA
950mA
1050mA
1150mA
1250mA
39,0
33,0
28,6
25,2
22,6
20,4
18,7
17,2
k
Ω
RTERM
Resistor for trickle / EOC
current setting
50mA
100mA
150mA
200mA
24
12
8
6
k
Ω
RNTC
NTC Thermistor
@25°C
10 / 100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com