Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3610 Datasheet(PDF) 19 Page - ams AG

Part # AS3610
Description  Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3610 Datasheet(HTML) 19 Page - ams AG

Back Button AS3610 Datasheet HTML 15Page - ams AG AS3610 Datasheet HTML 16Page - ams AG AS3610 Datasheet HTML 17Page - ams AG AS3610 Datasheet HTML 18Page - ams AG AS3610 Datasheet HTML 19Page - ams AG AS3610 Datasheet HTML 20Page - ams AG AS3610 Datasheet HTML 21Page - ams AG AS3610 Datasheet HTML 22Page - ams AG AS3610 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
www.austriamicrosystems.com/Battery-Chargers/AS3610
1.01
18 - 25
AS3610/11
Datasheet - D e t a i l e d D e s c r i p t i o n
Charger Status1 Register (Address 05).
Charger Status2 Register (Address 06).
Addr: 05
Charger Status1
These bits show the status of the charger.
Bit
Bit Name
Default
Access
Bit Description
0
ChDet
NA
R
Bit is set when charge adapter has been detected on pin VBUS
1
CCM
NA
R
Bit is set when charger is in Constant current mode
2
Resume
NA
R
Bit is set when battery voltage has dropped below resume level
3
Trickle
NA
R
Bit is set when charger is in trickle charge mode
4
CVM
NA
R
Bit is set when charger is in top-off charge mode (constant voltage
mode)
5
EOC
NA
R
Bit is set when charging has been terminated. Bit is cleared
automatically when chg_en is cleared or charging is resumed.
6
Battemp_hi
NA
R
Bit is set, if temperature is greater than 50 or 55°C. Bit is evaluated if
charger is detected.
7
NoBat
NA
R
Bit is set when battery detection circuit indicates that no battery is
connected to the system. This is done by measuring the NTC value.
ntc_on has to be 1.
Addr: 06
Charger Status2
These bits show the status of the charger.
Bit
Bit Name
Default
Access
Bit Description
0
LowBat
NA
R
Set, if VBAT<2V
1
OVBat
NA
R
Set, if VBAT> 1.17*VCHARGE
2
LowBus
NA
R
Set, if VBUS<3.8V
3
OVBus
NA
R
Set, if VBUS>6.5V
4
UVLBus
NA
R
Set, if VBUS<3.3V
5
Boost_act
NA
R
Set, if boost mode active
6
Boost_err
NA
R
Set, if boost error active. (Overcurrent of booster for more than
debounce time, VBAT<2.5V, VBUS>6.5V or current limit is active
7
Stop charging
NA
R
Set if charger is stopped because of the following reason:
- Timeout timer expired
- NTC temperature error (Hightemp)
- OVBus set
- OVBat set
- UVLBus set
- Die temp>140deg (ov_temp_140 set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com