Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 9 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 9 Page - ams AG

Back Button AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG AS5304 Datasheet HTML 11Page - ams AG AS5304 Datasheet HTML 12Page - ams AG AS5304 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ams Datasheet
Page 9
[v2-00] 2017-May-03
Document Feedback
AS5304/AS5306 − Electrical Characteristics
CAO Analog Output Buffer
Figure 10:
CAO Analog Output Buffer
Magnetic Input
Figure 11:
Magnetic Input
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOutRange
Minimum output
voltage
Strong field, minimum AGC
0.5
1
1.2
V
VOutRange
Maximum output
voltage
Weak field, maximum AGC
3
4
5.1
V
VOffs
Offset
±10
mV
IL
Current sink / source
capability
5mA
IShort
Average short circuit
current
Reduces maximum operating
temperature
640
mA
CL
Capacitive load
10
pF
BW
Bandwidth
5
kHz
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LP_FP
Magnetic pole length
AS5304
2.0
mm
AS5306
1.2
TFP
Magnetic pole pair
length
AS5304
4.0
mm
AS5306
2.4
Amag
Magnetic amplitude
10
60
mT
Operating dynamic
input range
1:6
1:12
Offmag
Magnetic offset
±0.5
mT
Tdmag
Magnetic
temperature drift
-0.2
%/K
fmag
Input frequency
0
5
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com