Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 22 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 22 Page - ams AG

Back Button AS5304 Datasheet HTML 18Page - ams AG AS5304 Datasheet HTML 19Page - ams AG AS5304 Datasheet HTML 20Page - ams AG AS5304 Datasheet HTML 21Page - ams AG AS5304 Datasheet HTML 22Page - ams AG AS5304 Datasheet HTML 23Page - ams AG AS5304 Datasheet HTML 24Page - ams AG AS5304 Datasheet HTML 25Page - ams AG AS5304 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Page 22
ams Datasheet
Document Feedback
[v2-00] 2017-May-03
AS5304/AS5306 − Application Information
Maximum Rotation Speed
The AS5304/AS5306 use a fast interpolation technique allowing
an input frequency of 5kHz. This means, it can process magnetic
field changes in the order of 5000 pole pairs per second or
300000 revolutions per minute. However, since a magnetic ring
consists of more than one pole pair, the above value must be
divided by the number of pole pairs to get the maximum
rotation speed:
Maximum rotation speed = 300000 rpm / [number of pole pairs]
Example: (same as above) Multi-pole ring with 22 pole pairs:
Maximum speed = 300000 / 22 = 13636 rpm (this is independent
of the pole length)
Maximum Linear Travelling Speed
For linear motion sensing, a multi-pole strip using equally
spaced north and south poles is used. The pole length is again
fixed at 2.0mm for the AS5304 and 1.2mm for the AS5306. As
shown in Maximum Rotation Speed above, the sensors can
process up to 5000 pole pairs per second, so the maximum
travelling speed is:
Maximum linear travelling speed = 5000 * [pole pair length]
Example: Linear multi-pole strip:
Maximum linear travelling speed = 4mm * 5000 1/s =
20000mm/s = 20m/s {for AS5304}
Maximum linear travelling speed = 2.4mm * 5000 1/s =
12000mm/s = 12m/s {for AS5306}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com