Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 13 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 13 Page - ams AG

Back Button AS5304 Datasheet HTML 9Page - ams AG AS5304 Datasheet HTML 10Page - ams AG AS5304 Datasheet HTML 11Page - ams AG AS5304 Datasheet HTML 12Page - ams AG AS5304 Datasheet HTML 13Page - ams AG AS5304 Datasheet HTML 14Page - ams AG AS5304 Datasheet HTML 15Page - ams AG AS5304 Datasheet HTML 16Page - ams AG AS5304 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
ams Datasheet
Page 13
[v2-00] 2017-May-03
Document Feedback
AS5304/AS5306 − Detailed Description
Magnetic Field Warning Indicator
The AS5304 can also provide a low magnetic field warning to
indicate a missing magnet or when the end of the magnetic
strip has been reached. This condition is indicated by using a
combination of A, B and Index, that does not occur in normal
operation:
A low magnetic field is indicated with:
Index = high
A=B=low
Vertical Distance between Magnet and IC
The recommended vertical distance between magnet and IC
depends on the strength of the magnet and the length of the
magnetic pole.
Typically, the vertical distance between magnet and chip
surface should not exceed ½ of the pole length. That means for
AS5304, having a pole length of 2.0mm, the maximum vertical
gap should be 1.0mm. For the AS5306, having a pole length of
1.2mm, the maximum vertical gap should be 0.6mm. These
figures refer to the chip surface. Given a typical distance of
0.2mm between chip surface and IC package surface, the
recommended vertical distances between magnet and IC
surface are therefore:
AS 5304: ≤ 0.8mm
AS 5306: ≤ 0.4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com