Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 21 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 21 Page - ams AG

Back Button AS5304 Datasheet HTML 17Page - ams AG AS5304 Datasheet HTML 18Page - ams AG AS5304 Datasheet HTML 19Page - ams AG AS5304 Datasheet HTML 20Page - ams AG AS5304 Datasheet HTML 21Page - ams AG AS5304 Datasheet HTML 22Page - ams AG AS5304 Datasheet HTML 23Page - ams AG AS5304 Datasheet HTML 24Page - ams AG AS5304 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ams Datasheet
Page 21
[v2-00] 2017-May-03
Document Feedback
AS5304/AS5306 − Application Information
Resolution and Maximum Rotating Speed
When using the AS5304/AS5306 in an off-axis rotary
application, a multi-pole ring magnet must be used. Resolution,
diameter and maximum speed depend on the number of pole
pairs on the ring.
Resolution
The angular resolution increases linearly with the number of
pole pairs. One pole pair has a resolution (= interpolation factor)
of 160 steps or 40 quadrature pulses.
Resolution [steps] = [interpolation factor] x [number of pole
pairs]
Resolution [bit] = log (resolution[steps]) / log (2)
Example: Multi-pole ring with 22 pole pairs
Resolution = 160x22 = 3520 steps per revolution
= 40x22 = 880 quadrature pulses / revolution
= 11.78 bits per revolution = 0.1023° per step
Multi-Pole Ring Diameter
The length of a pole pair across the median of the multi-pole
ring must remain fixed at either 4mm (AS5304) or 2.4mm
(AS5306). Hence, with increasing pole pair count, the diameter
increases linearly with the number of pole pairs on the
magnetic ring.
Magnetic ring diameter = [pole length] * [number of pole pairs] / π
for AS5304: d = 4.0mm * number of pole pairs / π
for AS5306: d = 2.4mm * number of pole pairs / π
Example: (same as above) Multi-pole ring with 22 pole pairs for
AS5304
Ring diameter = 4 * 22 / 3.14 = 28.01mm (this number
represents the median diameter of the ring, this is where the
Hall elements of the AS5304/AS5306 should be placed; (see
Figure 25).
For the AS5306, the same ring would have a diameter of:
2.4 * 22 / 3.14 = 16.8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com