Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7394ATT__+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX7394ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7394ATT__+ Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX7394ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX7393/MAX7394 precision silicon oscillators
replace crystals, ceramic resonators, and crystal oscilla-
tor modules in systems with a +2.4V to +3.6V operating
supply voltage range. The MAX7393/MAX7394 con-
sist of a temperature-compensated precision oscillator
with enable (MAX7394) or autoenable (MAX7393). The
ENABLE input on the MAX7394 manually enables or
disables the oscillator. The CLKIN input on the MAX7393
monitors a returned clock signal to automatically enable
or disable the MAX7393 oscillator.
The MAX7393/MAX7394 are supplied at specific frequen-
cies, like crystals and resonators. A variety of popular
standard frequencies are available (see the Selector
Guide). Output frequency accuracy is guaranteed to be
within ±0.25% (TDFN) and ±1.3% (μDFN) (0°C to +85°C)
and ±1.0% (TDFN) and ±1.8% (μDFN) over the -40°C to
+125°C temperature range. No external components are
required to generate the specific frequency.
ENABLE (MAX7394)
The ENABLE input on the MAX7394 turns the oscillator
on and off. Drive ENABLE to a logic-high for normal oper-
ation. Drive ENABLE to a logic-low to place the device in
shutdown mode. During shutdown, the oscillator is turned
off, and the CLOCK output is weakly driven high with an
internal 10kΩ to VCC2. In shutdown mode, the total sup-
ply current reduces to less than 2μA.
Autoenable (CLKIN, MAX7393)
The MAX7393 features a CLKIN input that automatically
enables or disables the oscillator by sensing the condition
of a returned clock signal. The MAX7393 is automatically
enabled whenever an active inversion function is sensed
between CLOCK and CLKIN. When no inversion function
is detected, the MAX7393 automatically enters shutdown
mode. During shutdown, the oscillator is turned off, the
CLKIN input is weakly driven to its last state, and the
CLOCK output is weakly driven to the logic-level in CLKIN.
The CLKIN input relies on an external inversion function,
typically provided by a microcontroller’s clock generator,
to provide an inverted version of the CLOCK output sig-
nal. The MAX7393 interprets high/low voltage or a con-
stant high-impedance node on CLKIN as a disable signal.
Figure 1 shows a test circuit to enable or disable the
MAX7393. One input of the NAND gate connects to the
CLOCK output of the MAX7393, and the other input is
driven with a logic level. A logic-high level enables the
oscillator and a logic-low level disables the oscillator. See
the Typical Operating Characteristics for typical startup
performance of the MAX7393.
Oscillator (CLOCK)
The CLOCK output is a push-pull, CMOS logic output
that is capable of driving a ground-connected 1kΩ load or
a positive supply connected 500Ω load to within 300mV
of either supply rail. There are no impedancematching
issues when using the MAX7393/MAX7394 CLOCK out-
put. A typical startup characteristic is shown in the Typical
Operating Characteristics.
Output Jitter
The MAX7393/MAX7394s’ jitter performance is given in the
Electrical Characteristics table as a peak-to-peak value.
Applications Information
Interfacing to a Microcontroller
clock Input
The MAX7393/MAX7394 CLOCK output is a push-pull,
CMOS logic output that directly drives any microproces-
sor (μP) or microcontroller (μC) clock input. There are no
impedance-matching issues when using the MAX7393/
MAX7394. Operate the MAX7393/MAX7394 and micro-
controller from the same supply voltage level of VCC2
(see the Power-Supply Considerations section for more
details). Refer to the microcontroller’s data sheet for clock
input compatibility with external clock signals.
The MAX7393/MAX7394 require no biasing components
or load capacitance. When using the MAX7393/MAX7394
to retrofit a crystal oscillator, remove all biasing compo-
nents from the oscillator input.
Power-Supply Considerations
The MAX7393/MAX7394 operate with power-supply volt-
ages in the +2.4V to +3.6V range. Connect VCC and VCC2
to the same supply voltage level as the device receiving
the clock. Proper power-supply decoupling is required to
maintain the power-supply rejection performance of the
MAX7393/MAX7394. Connect 0.1μF surface-mount ceram-
ic capacitors from VCC to VCC2 to GND. Position these
bypass capacitors as close to VCC and VCC2 as possible.
A larger VCC2 bypass capacitor value is recommended
if the MAX7393/MAX7394 are to operate with a large
capacitive load. Use a bypass capacitor value on VCC2
at least 1000 times that of the output load capacitance.
Figure 1. Test Circuit to Enable or Disable the MAX7393 Oscillator
MAX7393
CLOCK
CLKIN
ON/OFF
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
www.maximintegrated.com
Maxim Integrated │ 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com