Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7394ATT__+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7394ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7394ATT__+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7394ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX7393/MAX7394 precision silicon oscillators
replace crystals, ceramic resonators, and crystal oscilla-
tor modules in systems with a +2.4V to +3.6V operating
supply voltage range.
The MAX7393/MAX7394 consist of a temperature-com-
pensated precision oscillator with enable (MAX7394) or
autoenable (MAX7393). The MAX7393/MAX7394 are
supplied at specific frequencies, just like crystals and res-
onators. Output frequency accuracy is guaranteed to be
within ±0.25% (TDFN) and ±1.3% (μDFN) (0°C to +85°C)
and ±1.0% (TDFN) and ±1.8% (μDFN) over the -40°C to
+125°C temperature range.
The small size and robust operation of the MAX7393/
MAX7394 make them ideal for space-constrained or envi-
ronmentally demanding applications where high accu-
racy is required. The high accuracy of the MAX7393/
MAX7394 is ideal for use in USB applications, computers,
and white goods.
The MAX7393/MAX7394 are available in 6-pin, 3mm x
3mm TDFN and 2mm x 2mm μDFN packages. They are
specified for the -40°C to +125°C temperature range.
Applications
Features
● ±0.25% (TDFN) and ±1.3% (μDFN) Total Accuracy
for 0°C to +85°C
● ±1.0% (TDFN) and ±1.8% (μDFN) Total Accuracy for
-40°C to +125°C
● Resistant to Humidity and Vibration
● 12mA Operating Current (48MHz Version)
● 5ns Output Rise/Fall Time
● 40% to 60% Maximum Duty Cycle
● No External Components Required
● +2.4V to +3.6V Operation
● Available Factory-Set Frequencies from 922kHz to
48MHz
● Space-Saving TDFN and μDFN Surface-Mount
Packages
19-3876; Rev 1; 4/14
Selector Guide and Pin Configurations appear at end of
data sheet.
● USB
● CAN Nodes
● Computers
● Handheld Products
● White Goods
Note: The MAX7394 is available in factory-set frequencies
from 922kHz to 48MHz. The MAX7393 is available in factory-
set frequencies from 922kHz to 20MHz. There are 10 standard
frequencies (see the Selector Guide) with a required 2.5k order
increment. Nonstandard frequencies are also available with a
required 10k order increment. For nonstandard versions,
contact factory for availability and ordering information.
*The two-letter frequency suffix following the part number is
found in the Selector Guide.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
MAX7393 ALT_ _+
-40°C to +125°C
6 μDFN
MAX7393ATT_ _+
-40°C to +125°C
6 μDFN
MAX7394ALT_ _+
-40°C to +125°C
6 μDFN
MAX7394ATT_ _+
-40°C to +125°C
6 μDFN
MAX7393
VCC2
2.4V TO 3.6V
6
2
3
GND
I.C.
VCC
1
µC
CLOCK
5
OSC1
CLKIN
4
OSC2
MAX7394
VCC2
2.4V TO 3.6V
6
2
3
ENABLE
GND
I.C.
VCC
1
µC
CLOCK
5
OSC1
OSC2
4
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
Typical Application Circuits
Ordering Information


Similar Part No. - MAX7394ATT__+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7394ATT MAXIM-MAX7394ATT Datasheet
232Kb / 9P
Precision Silicon Oscillators with Enable or Autoenable
19-3876; Rev 0; 5/06
More results

Similar Description - MAX7394ATT__+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LQV-3M2768-3CGR ETC1-LQV-3M2768-3CGR Datasheet
739Kb / 3P
PRECISION CRYSTAL CLOCK OSCILLATORS
logo
Vishay Siliconix
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO-523 VISHAY-XO-523 Datasheet
96Kb / 3P
Half Size Clock Oscillators Enable/Disable
01-Jun-06
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
logo
Fox Electronics
F5C-2E3 FOX-F5C-2E3 Datasheet
169Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
H5C-2E3 FOX-H5C-2E3 Datasheet
60Kb / 1P
3.3V TRI-STATE ENABLE/DISABLE OSCILLATORS
logo
Vishay Siliconix
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
Half Size Clock Oscillators Enable/Disable
05-Mar-07
logo
Maxim Integrated Produc...
MAX7393 MAXIM-MAX7393 Datasheet
232Kb / 9P
Precision Silicon Oscillators with Enable or Autoenable
19-3876; Rev 0; 5/06
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
of quartz crystal oscillators provide enable/disable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com