Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7394ATT__+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7394ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7394ATT__+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7394ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(VCC = VCC2 = +2.4V to +3.6V, CL = 10pF, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = VCC2 = +3.3V,
TA = +25°C, unless otherwise noted.) (Note 1)
Note 1: All parameters are production tested at TA = +25°C. Specifications over temperature are guaranteed by design and
characterization.
Note 2: The total supply current is the sum of ICC and ICC2.
Note 3: Guaranteed by design and characterization. Not production tested.
Note 4: Output frequency is production tested at TA = +25°C and TA = +85°C.
Note 5: Output frequency is production tested at TA = +25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY ACCURACY
Clock Frequency Coefficient of
Temperature
VCC = VCC2 = 3.3V
TA = 0°C to +70°C
±20
ppm/°C
TA = -40°C to +125°C
±50
Clock Frequency Coefficient of
Supply Voltage
TA = +25°C
0.1
0.15
%/V
Total Accuracy
VCC = VCC2 = 3.3V
TA = 0°C to
+85°C,
VCC = ±10%
TDFN
(Note 4)
±0.25
%
µDFN
(Note 5)
±1.3
TA = -40°C to
+125°C,
VCC = ±10%
TDFN
(Note 4)
±1.0
µDFN
(Note 5)
±1.8
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com