Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7394ATT__+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7394ATT__+
Description  Precision Silicon Oscillators with Enable or Autoenable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7394ATT__+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7394ATT__+ Datasheet HTML 1Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 2Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 3Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 4Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 5Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 6Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 7Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 8Page - Maxim Integrated Products MAX7394ATT__+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
(VCC = VCC2 = 3.3V, TA = +25°C, MAX7394, 48MHz output, unless otherwise noted.)
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
40
42
44
46
48
50
52
54
56
58
60
TOTAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -25 -10 5 20 35 50 65 80 95 110 125
0
1
2
3
4
5
6
7
8
9
10
VCC = VCC2 = +3.6V
VCC = VCC2 = +2.4V
VCC = VCC2 = +3.3V
TOTAL SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
2
4
6
8
10
NORMALIZED FREQUENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0.995
0.996
0.997
0.998
0.999
1.000
NORMALIZED FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
-40 -25 -10 5 20 35 50 65 80 95 110 125
0.990
1.000
0.998
0.996
0.994
0.992
1.002
TOTAL SUPPLY CURRENT
vs. FREQUENCY
FREQUENCY (MHz)
0
6
12 18 24 30 36 42 48
0
1
2
3
4
5
6
7
8
9
VCC = VCC2 = +2.4V
VCC = VCC2 = +3.3V
VCC = VCC2 = +3.6V
MAX7393 SETTLING TIME FROM START
MAX7393 toc08
CLOCK
2V/div
ON/OFF
2V/div
(SEE FIGURE 1)
20MHz
400µs/div
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (°C)
-40 -25 -10 5 20 35 50 65 80 95 110 125
40
42
44
46
48
50
52
54
56
58
60
MAX7393/MAX7394
Precision Silicon Oscillators with
Enable or Autoenable
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com