Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543ALJ+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAXM17543ALJ+T
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543ALJ+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAXM17543ALJ+T Datasheet HTML 4Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 5Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 6Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 7Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 8Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 9Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 10Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 11Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
(VIN = 4.5V to 42V, VOUT = 0.9 to 12V, IOUT = 0A–2.5A, TA = +25°C, unless otherwise noted.)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 5V, IOUT = 0.05A - 1.25A,
MODE = VCC
1A/div
toc28
100µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
STARTUP THROUGH ENABLE
VIN = 24V, VOUT = 3.3V, IOUT = 0A, MODE = SGND
2V/div
toc29
1ms/div
LX
VOUT
5V/div
EN
RESET
20V/div
5V/div
LOAD CURRENT TRANSIENT RESPONSE
VIN= 24V, VOUT = 5V, IOUT = 0.05A - 1.25A,
MODE = OPEN
1A/div
toc26
200µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 3.3V, IOUT = 0.05A - 1.25A,
MODE=SGND
1A/div
toc24
100µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
LOAD CURRENT TRANSIENT RESPONSE
VIN= 24V, VOUT = 5V, IOUT = 0.05A - 1.25A,
MODE = SGND
1A/div
toc27
100µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
LOAD CURRENT TRANSIENT RESPONSE
VIN = 24V, VOUT = 3.3V, IOUT = 0.05A - 1.25A,
MODE=VCC
1A/div
toc25
100µs/div
VOUT
IOUT
200mV/div
(AC
COUPLED)
Typical Operating Characteristics (continued)
Maxim Integrated │ 8
www.maximintegrated.com
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com