Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543ALJ+T Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAXM17543ALJ+T
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543ALJ+T Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAXM17543ALJ+T Datasheet HTML 11Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 12Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 13Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 14Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 15Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 16Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 17Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 18Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Table 1. Selection Component Values
VIN (V)
VOUT
(V)
CIN
COUT
RU (kΩ)
RB (kΩ)
fSW (kHz) RT (kΩ)
4.5 to 15
0.9
3 x 2.2µF 1206 100V
2 x 100µF 1210 4V
35.7
Open
300
68.1
4.5 to 15
1
3 x 2.2µF 1206 100V
2 x 100µF 1210 4V
35.7
324
300
68.1
4.5 to 15
1.2
3 x 2.2µF 1206 100V
1 x 100µF 1 x 47µF 1210 4V
41.2
124
350
57.6
4.5 to 15
1.5
3 x 2.2µF 1206 100V
1 x 100µF 1 x 47µF 1210 4V
57.6
86.6
350
57.6
4.5 to 15
1.8
3 x 2.2µF 1206 100V
1 x 100µF 1210 4V
61.9
61.9
350
57.6
4.5 to 15
2.5
3 x 2.2µF 1206 100V
1 x 100µF 1210 4V
53.6
30.1
400
49.9
4.8 to 15
3.3
2 x 2.2µF 1206 100V
1 x 47µF 1210 10V
130
48.7
500
Open
7.5 to 15
5
2 x 2.2µF 1206 100V
1 x 22µF 1210 10V
191
42.2
740
26.7
12 to 15
8
2 x 2.2µF 1206 100V
1 x 10µF 1210 16V
309
39.2
1200
15.8
4.5 to 28
0.9
3 x 2.2µF 1206 100V
3 x 100µF 1210 4V
35.7
Open
214
95.3
4.5 to 28
1
3 x 2.2µF 1206 100V
3 x 100µF 1210 4V
35.7
324
238
86.6
4.5 to 28
1.2
3 x 2.2µF 1206 100V
2 x 100µF 1210 4V
41.2
124
285
71.5
4.5 to 28
1.5
3 x 2.2µF 1206 100V
1 x 100µF 1 x 47µF 1210 4V
57.6
86.6
350
57.6
4.5 to 28
1.8
3 x 2.2µF 1206 100V
1 x 100µF 1210 4V
61.9
61.9
350
57.6
4.5 to 28
2.5
3 x 2.2µF 1206 100V
1 x 100µF 1210 4V
53.6
30.1
400
49.9
4.8 to 28
3.3
2 x 2.2µF 1206 100V
1 x 47µF 1210 10V
130
48.7
500
Open
7.5 to 28
5
2 x 2.2µF 1206 100V
1 x 22µF 1210 10V
191
42.2
740
26.7
12 to 28
8
2 x 2.2µF 1206 100V
1 x 10µF 1210 16V
309
39.2
1200
15.8
18.5 to 28
12
2 x 2.2µF 1206 100V
1 x 4.7µF 1210 16V
464
37.4
1800
10.0
4.5 to 42
1.2
3 x 2.2µF 1206 100V
2 x 100µF 1 x 47µF 1210 4V
41.2
124
200
100.00
4.5 to 42
1.5
3 x 2.2µF 1206 100V
1 x 100µF 1 x 47µF 1210 4V
57.6
86.6
250
82.5
4.5 to 42
1.8
3 x 2.2µF 1206 100V
1 x 100µF 1 x 47µF 1210 4V
61.9
61.9
300
68.1
4.5 to 42
2.5
3 x 2.2µF 1206 100V
1 x 100µF 1210 4V
53.6
30.1
400
49.90
4.8 to 42
3.3
2 x 2.2µF 1206 100V
1 x 47µF 1210 10V
130
48.7
500
Open
7.5 to 42
5
2 x 2.2µF 1206 100V
1 x 22µF 1210 10V
191
42.2
740
26.7
12 to 42
8
2 x 2.2µF 1206 100V
1 x 10µF 1210 16V
309
39.2
1200
15.8
18.5 to 42
12
2 x 2.2µF 1206 100V
1 x 4.7µF 1210 16V
464
37.4
1800
10.00
www.maximintegrated.com
Maxim Integrated │ 15
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com