Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543ALJ+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXM17543ALJ+T
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543ALJ+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXM17543ALJ+T Datasheet HTML 1Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 2Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 3Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 4Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 5Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 6Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 7Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 8Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
(VIN = VEN = 24V, RRT = 40.2kΩ (500kHz) to SGND, VPGND = VMODE = VSYNC = VSGND = 0V, VCC = LX = SS = RESET = OUT =
open, VBST to VLX = 5V, VFB = 1V, TA = TJ = -40ºC to +125ºC, unless otherwise noted. Typical values are at TA = +25°C. All voltages
are referenced to SGND, unless otherwise noted.) (Note 4)
Note 4: All limits are 100% tested at TA = +25°C. Maximum and minimum limits are guaranteed by design and characterized over
temperature.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MODE
MODE Threshold
VM_DCM MODE = VCC (DCM mode)
VCC - 1.6
V
VM_PFM MODE = open (PFM mode)
VCC/2
VM_PWM MODE = GND (PWM mode)
1.4
CURRENT LIMIT
Average Current-Limit Threshold IAVG_LIMIT VOUT = VFB = 0.8V, fSW = 200kHz
3.45
A
RESET
RESET
Output Level Low
IRESET = 10mA
0.4
V
RESET
Output Leakage Current
VRESET = 5.5V, TA = TJ = +25°C
-0.1
+0.1
µA
FB Threshold for RESET
Assertion
VFB_OKF VFB falling
90.5
92
94.6
%
FB Threshold for RESET
Deassertion
VFB_OKR VFB rising
93.8
95
97.8
%
RESET
Deassertion Delay After
FB Reaches 95% Regulation
1024
Cycles
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
+165
°C
Thermal-Shutdown Hysteresis
10
°C
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com