Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17543ALJ+T Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAXM17543ALJ+T
Description  4.5V to 42V, 2.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17543ALJ+T Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAXM17543ALJ+T Datasheet HTML 12Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 13Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 14Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 15Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 16Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 17Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 18Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 19Page - Maxim Integrated Products MAXM17543ALJ+T Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Mode Selection (MODE)
The MAXM17543 features a MODE pin to configure the
device operating in PWM, PFM, or DCM control schemes.
The device operates in PFM mode at light loads if the
MODE pin is open. If the MODE pin connects to ground,
the device operates in constant-frequency PWM mode at
all loads. The device operates in constant-frequency DCM
mode at light loads when the MODE pin connects to VCC.
State changes of the MODE operation are only at power-
up and ignore during normal operation.
PWM Mode Operation
In PWM mode, the step-down controller is switching
a constant-frequency at all loads with a minimum sink
current limit threshold (-1.8A typ) at light load. The
PWM mode of operation gives lower efficiency at light
loads compared to PFM and DCM modes of operation.
However, the PWM mode of operation is useful in applica-
tions sensitive to switching frequency.
PFM Mode Operation
In PFM mode, the controller forces the peak inductor
current in order to feed the light loads and maintain high
efficiency. If the load is lighter than the average PFM
value, the output voltage will exceed 102.3% of the feed-
back threshold and the controller enters into a hibernation
mode, turning off most of the internal blocks. The device
exits hibernation mode and starts switching again once the
output voltage is discharged to 101.1% of the feedback
threshold. The device then begins the process of delivering
pulses of energy to the output repeatedly until it reaches
102.3% of the feedback threshold. In this mode, the
behavior resembles PWM operation (with occasional pulse
skipping), where the inductor current does not need to
reach the light-load level.
PFM mode offers the advantage of increased efficiency at
light loads due to a lower quiescent current drawn from the
supply. However, the output-voltage ripple is also increased
as compared to the PWM or DCM modes of operation, and
the switching frequency is not constant at light loads.
DCM Mode Operation
DCM mode features constant frequency operation down
to lighter loads than PFM mode, accomplished by not
skipping pulses. DCM efficiency performance lies between
the PWM and PFM modes.
External Frequency Synchronization (SYNC)
The device can be synchronized by an external clock
signal on the SYNC pin. The external synchronization
clock frequency must be between 1.1 x fSW and 1.4 x
fSW, where fSW is the frequency programmed by the RT
resistor. The minimum external clock high pulse width
and amplitude should be greater than 50ns and 2.1V,
respectively. The minimum external clock low pulse
width should be greater than 160ns, and the maximum
external clock low pulse amplitude should be less than 0.8V.
Table 1 provides recommended synchronous frequency
ranges for desired output voltages. Connect the SYNC
pin to SGND if it is not used.
RESET Output
The device includes a RESET comparator to monitor the
output for undervoltage and overvoltage conditions. The
open-drain RESET output requires an external pullup
resistor from 10kΩ to 100kΩ to VCC pin or maximum 6V
voltage source. RESET goes high impedance after the
regulator output increases above 95% of the designed nomi-
nal regulated voltage. RESET goes low when the regulator
output voltage drops below 92% of the nominal regulated
voltage. RESET also goes low during thermal shutdown.
Overcurrent Protection (OCP)
The MAXM17543 is provided with a robust overcurrent
protection (OCP) scheme that protects the module under
overload and output short-circuit conditions. A cycle-by-
cycle peak current limit turns off the high-side MOSFET
whenever the high-side switch current exceeds an inter-
nal limit of 3.7A (typ). The module enters hiccup mode
of operation either after one occurrence of the runaway
current limit 4.3A (typ) or when the FB node goes below
0.58V of its nominal regulation threshold after soft-start
is complete. In hiccup mode, the module is protected
by suspending switching for a hiccup timeout period of
32,768 clock cycles. Once the hiccup timeout period
expires, soft-start is attempted again. Hiccup mode of
operation ensures low power dissipation under output
overload or short-circuit conditions. Note that when soft-
start is attempted under overload condition, if feedback
voltage does not exceed 0.58V, the device switches at
half the programmed switching frequency.
The MAXM17543 is designed to support a maximum
load current of 2.5A. The inductor ripple current is
calculated as follows:
IN
OUT
OUT
OUT
OUT
SW
IN
OUT
V
V
0.395 I
V
0.220 I
I
L f
V
0.175 I

−
−
×
+
×
∆=
×

×
−
×

where,
VOUT = Steady-state output voltage
VIN = Operating input voltage
www.maximintegrated.com
Maxim Integrated │ 17
MAXM17543
4.5V to 42V, 2.5A High-Efficiency, DC-DC Step-Down
Power Module with Integrated Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com