Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C20400LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C20400LE
Description  1:4 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C20400LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8744A
06/23/05
PI6C20400
1:4 Clock Driver for Intel
PCI Express Chipsets
Current-mode output buffer characteristics of OUT[0:3], OUT[0:3]#
Figure 9. Simplified diagram of current-mode output buffer
0V
IOUT
0.85V
Slope ~ 1/Rs
RO
ROS
VOUT = 0.85V max
Iout
VDD
(3.3V ± 5%)
Differential Clock Buffer characteristics
Symbol
Minimum
Maximum
RO
3000Ω
N/A
ROS
unspecified
unspecified
VOUT
N/A
850mV
Current Accuracy
Symbol
Conditions
Configuration
Load
Min.
Max.
IOUT
VDD = 3.30 ±5%
RREF = 475Ω 1%
IREF = 2.32mA
Nominal test load for given
configuration
-12%
INOMINAL
+12%
INOMINAL
Note:
1.
INOMINAL refers to the expected current based on the configuration of the device.
Differential Clock Output Current
Board Target Trace/Term Z
Reference R, Iref = VDD/(3xRr)
Output Current
VOH @ Z
100Ω
(100Ω differential ≈ 15% coupling ratio)
RREF = 475Ω 1%,
IREF = 2.32mA
IOH = 6 x IREF
0.7V @ 50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com