Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C20400LE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C20400LE
Description  1:4 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400LE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C20400LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8744A
06/23/05
PI6C20400
1:4 Clock Driver for Intel
PCI Express Chipsets
Absolute Maximum Ratings (Over operating free-air temperature range)
Symbol
Parameters
Min.
Max.
Units
VDD_A
3.3V Core Supply Voltage
-0.5
4.6
V
VDD
3.3V I/O Supply Voltage
-0.5
4.6
VIH
Input High Voltage
4.6
VIL
Input Low Voltage
-0.5
Ts
Storage Temperature
-65
150
°C
VESD
ESD Protection
2000
V
Note:
1. Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (VDD = 3.3±5%, VDD_A= 3.3±5%)
Symbol
Parameters
Condition
Min.
Max.
Units
VDD_A
3.3V Core Supply Voltage
3.135
3.465
V
VDD
3.3V I/O Supply Voltage
3.135
3.465
VIH
3.3V Input High Voltage
VDD
2.0
VDD + 0.3
VIL
3.3V Input Low Voltage
VSS – 0.3
0.8
IIK
Input Leakage Current
0 < VIN < VDD
-5
+5
μA
VOH
3.3V Output High Voltage
IOH = -1mA
2.4
V
VOL
3.3V Output Low Voltage
IOL = 1mA
0.4
IOH
Output High Current
IOH = 6 x IREF,
IREF = 2.32mA
12.2
mA
15.6
CIN
Input Pin Capacitance
3
5
pF
COUT
Output Pin Capacitance
6
LPIN
Pin Inductance
7
nH
IDD
Power Supply Current
VDD = 3.465V, FCPU = 200MHz
200
mA
ISS
Power Down Current
Driven outputs
40
ISS
Power Down Current
Tristate outputs
12
TA
Ambient Temperature
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com