Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C20400LE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C20400LE
Description  1:4 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400LE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C20400LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
PS8744A
06/23/05
PI6C20400
1:4 Clock Driver for Intel
PCI Express Chipsets
Packaging Mechanical: 28-Pin, 209-mil wide, 0.65mm pitch SSOP (H)
Packaging Mechanical: 28-Pin, 173-mil wide, 0.65mm pitch TSSOP (L)
.378
.386
.047
1.20
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.252
BSC
1
28
.169
.177
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
9.6
9.8
0.65
0.19
0.30
.007
.012
.004
.008
Max



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com