Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C20400LE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C20400LE
Description  1:4 Clock Driver for Intel PCI Express Chipsets
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400LE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C20400LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C20400LE Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PS8744A
06/23/05
PI6C20400
1:4 Clock Driver for Intel
PCI Express Chipsets
AC Switching Characteristics (VDD = 3.3±5%, VDD_A= 3.3±5%)
Symbol
Parameters
Min
Max.
Units
Notes
Trise / Tfall
Rise and Fall Time (measured between 0.175V to 0.525V)
175
700
ps
2
ΔTrise /
ΔTfall
Rise and Fall Time Variation
125
ps
2
Rise/Fall Matching
20
%
2
Tpd
PLL Mode
±250
ps
Non-PLL Mode
2.5
6.5
ns
Tskew
Output-to-Output Skew
50
ps
3
Tjitter
Cycle – Cycle Jitter
50
ps
3
VHIGH
Voltage High including overshoot
660
1150
mV
2
VLOW
Voltage Low including undershoot
-300
mV
2
Vcross
Absolute crossing point voltages
250
550
mV
2
ΔVcross
Total Variation of Vcross over all edges
140
mV
2
TDC
Duty Cycle
45
55
%
3
Notes:
1. Test configuration is Rs = 33.2Ω, Rp = 49.9Ω, and 2pF.
2. Measurement taken from Single Ended waveform.
3. Measurement taken from Differential waveform.
Configuration Test Load Board Termination
475Ω
1%
49.9Ω
1%
Rp
49.9Ω
1%
Rp
33Ω
5%
Rs
33Ω
5%
Rs
PI6C20400
TLA
TLB
OUT
OUT#
2pF
5%
2pF
5%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com