Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C21200VE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C21200VE
Description  1:12 Clock Driver for Intel PCI-Express Chipsets
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C21200VE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C21200VE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
PS8820
02/28/06
Features
• Twelve Pairs of PCI-Express Differential Clocks (HCSL
compatible signaling)
• Low skew < 50ps
• Low jitter < 50ps
• Output Enable for all outputs
• Outputs tristate control via SMBus
• Power Management Control
• Programmable PLL Bandwidth
• PLL or Fan out operation
• Gear Ratio supporting different output frequencies
• 3.3V Operation
• 56-pin Packages (Pb-Free & Green):
- TSSOP (A56) and SSOP (V56)
Description
PI6C21200 is a high-speed, low-noise PCI-Express differential
clock buffer designed to be a companion with PI6C410B clock
synthesizer. The device distributes twelve copies of the
differential SRC clock coming from PI6C410B. The output
frequency can be ratioed to offer a derivative frequency from
the input frequency. Each differential output is controlled by
individual OE pin, except OUT10 and OUT11 are sharing one
OE_10#_11# pin. The clock outputs are controlled by input selec-
tion of SA_0, SA_1, SA_2 via SMBus, SCLK and SDA.
Block Diagram
Pinout Diagram
PI6C21200
1:12 Clock Driver for Intel PCI-Express Chipsets
OUT0
OUT0#
OUT2
OUT2#
OUT1
OUT1#
OUT3
OUT3#
OUT4
OUT4#
OUT5
OUT5#
OUT6
OUT6#
OUT7
OUT7#
OUT8
OUT8#
OUT9
OUT9#
OUT10
OUT10#
OUT11
OUT11#
HIGH_BW#
PLL
SRC
SCR#
SA_2 /
PLLBypress#
SA_[0:1]
SCLK
SDA
OE [0:10]#
VTT_PWRGD#
/ PWRDWN
SMBus
Controller
Output
Control
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
HIGH_BW#
SRC_IN
SRC_IN#
SA_0
OE_0#
OUT0
OUT0#
OE_1#
OUT1
OUT1#
VDD
VSS
OUT2
OUT2#
OE_2#
OUT3
OUT3#
OE_3#
OUT4
OUT4#
OE_4#
VDD
VSS
OUT5
OUT5#
OE_5#
SA_1
SDA
VDD_A
VSS_A
IREF
OE_10#_11#
OUT11
OUT11#
VDD
VSS
OUT10
OUT10#
FS_A
VTT_PWRGD# / PWRDWN
OE_9#
OUT9
OUT9#
OE_8#
OUT8
OUT8#
VDD
VSS
OUT7
OUT7#
OE_7#
OUT6
OUT6#
OE_6#
SA_2 /PLLBypass#
SCL


Similar Part No. - PI6C21200VE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C21200 PERICOM-PI6C21200 Datasheet
444Kb / 14P
1 12 Clock Driver for Intel PCIe Chipsets
PI6C21200AEX PERICOM-PI6C21200AEX Datasheet
444Kb / 14P
1 12 Clock Driver for Intel PCIe Chipsets
More results

Similar Description - PI6C21200VE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
Clock Generator for Intel PCI Express Mobile Chipset
PI6C20400 PERICOM-PI6C20400 Datasheet
430Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20800 PERICOM-PI6C20800 Datasheet
399Kb / 10P
1:8 Clock Driver for Intel PCI Express Chipsets
PI6C20400 PERICOM-PI6C20400_08 Datasheet
400Kb / 10P
1:4 Clock Driver for Intel PCI Express Chipsets
PI6C20400B PERICOM-PI6C20400B Datasheet
876Kb / 11P
1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PI6C20400S PERICOM-PI6C20400S Datasheet
465Kb / 10P
1 4 Clock Driver for Intel PCI Express Chipsets
PI6C21200AEX PERICOM-PI6C21200AEX Datasheet
444Kb / 14P
1 12 Clock Driver for Intel PCIe Chipsets
PI6C20400A PERICOM-PI6C20400A Datasheet
700Kb / 10P
1:4 Clock Driver for Intel PCIe Chipsets
PI6C20800 PERICOM-PI6C20800_12 Datasheet
596Kb / 10P
1:8 Clock Driver for Intel PCI Express Chipsets
PI6PCIEB24 PERICOM-PI6PCIEB24 Datasheet
639Kb / 7P
1:4 PCI Express Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com