Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C21200VE Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C21200VE
Description  1:12 Clock Driver for Intel PCI-Express Chipsets
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C21200VE Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C21200VE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
PS8820
02/28/06
PI6C21200
1:12 Clock Driver for Intel
PCI-Express Chipsets
AC Switching Characteristics (VDD = 3.3±5%, VDD_A= 3.3 ±5%)
Symbol
Parameters
Min
Max.
Units
Notes
Trise / Tfall
Rise and Fall Time (measured between 0.175V to 0.525V)
125
525
ps
3
ΔTrise /
ΔTfall
Rise and Fall Time Variation
75
3
Rise/Fall Matching
10
%
3
Tpd
PLL Mode
±250
ps
Non-PLL Mode
3
ns
Tskew
Output-to-Output Skew OUT [9:0] or OUT [10:11]
50
ps
4
Tskew
Output-to-Output Skew OUT [9:0] to OUT [10:11]
75
4
Tjitter
Cycle-to-Cycle Jitter
50
4
VHIGH
Voltage High including overshoot
660
850
mV
3
VLOW
Voltage Low including undershoot
-150
3
VCROSS
Absolute crossing poing voltages
250
550
3
ΔVCROSS
Total Variation of Vcross over all edges
100
3
TDC
Duty Cycle
45
55
%
4
Notes:
3.
Measurement taken from Single Ended waveform.
4.
Measurement taken from Differential waveform.
5.
Test configuration is RS = 33.2Ω, Rp = 49.9Ω, and 2pF.
Configuration Test Load Board Termination
Rs
33Ω
5%
Rs
33Ω
5%
Rp
49.9Ω
1%
475Ω
1%
Rp
49.9Ω
1%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
PI6C21200
Figure 4. Configuration test load board termination
Note:
1.
TLA and TLB are 3” transmission lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com