Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C21200VE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C21200VE
Description  1:12 Clock Driver for Intel PCI-Express Chipsets
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C21200VE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C21200VE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
PS8820
02/28/06
PI6C21200
1:12 Clock Driver for Intel
PCI-Express Chipsets
Indexed Block Read and Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code - 8 Bits
'00000000' Stand for block operation
11:18
Command Code - 8 Bits
'00000000' Stand for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count from master - 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address - 7 bits
29:36
Datat byte 0 from master - 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Datat byte 1 from master - 8 bits
30:37
Byte count from slave - 8 bits
46
Acknowledge from slave
38
Acknowledge from host
....
Data bytes from master/Acknowledge
39:46
Data byte 0 from slave - 8 bits
....
Data byte N - 8 bits
47
Acknowledge from host
....
Acknowledge from slave
48:55
Data byte 1 from slave - 8 bits
....
Stop
56
Acknowledge from host
....
Data bytes from slave/Acknowledge
....
Data byte N from slave - 8 bits
....
Acknowledge from host - 38 bits
....
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com