Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C21200VE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C21200VE
Description  1:12 Clock Driver for Intel PCI-Express Chipsets
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C21200VE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C21200VE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
PS8820
02/28/06
PI6C21200
1:12 Clock Driver for Intel
PCI-Express Chipsets
Pin Descriptions
Pin Name
Type
Pin Number
Descriptions
PLL_BW#
Input
1
3.3V LVTTL input for selecting the PLL bandwidth. (High = Low BW)
SRC & SRC#
Input
2, 3
0.7V Differential SRC input from PI6C410B clock synthesizer
OUT[0:9] &
OUT[0:9]#
Output
6, 7, 9, 10, 13, 14, 16,
17, 19, 20, 24, 25, 32, 33,
35, 36, 39, 40, 42, 43
0.7V Differential outputs, geared to the ratio of input clock. Can be
configured to be 1:1 ratio.
OUT[10:11] &
OUT[10:11]#
Output
47, 48, 51, 52
0.7V Differential outputs, geared to the ratio of input clock same as
OUT[0:9]. Can be configured to be 1:1 ratio.
OE_[0:9]#
Input
5, 8, 15, 18, 21, 26, 31,
34, 41, 44
3.3V LVTTL input for enabling outputs, active low. Control each
OUT[0:9] pair.
OE_10#_11#
Input
53
3.3V LVTTL input for enabling outputs, active low. Control each
OUT[10:11] pair.
SA_[0:1]
Input
4, 27
3.3V LVTTL input for selecting the SMBus address
SA_2 / PLL-
BYPASS#
Input
30
3.3V LVTTL input for selecting fan-out of PLL operation, and SMBus
address. 0 = PLL Bypass, 1 = PLL mode
SCLK
Input
29
SMBus compatible SCLOCK input
SDA
I/O
28
SMBus compatible SDATA
IREF
Input
54
External resistor connection to set the differential output current
FS_A
Input
46
3.3V LVTTL inputs for CPU frequency selection
0 = above 200 MHz, 1 = below 200 MHz
VTT_PWRGD#
/ PWRDWN
Input
45
3.3V LVTTL input for Power Down operation, active high
VDD
Power
11, 22, 38, 50
3.3V Power Supply for Outputs
VSS
Ground
12, 23, 37, 49
Ground for Outputs
VSS_A
Ground
55
Ground for PLL
VDD_A
Power
56
3.3V Power Supply for PLL
Serial Data Interface (SMBus)
PI6C21200 is a slave only SMBus device that supports random byte read and write indexed block read and write protocol using a
single 7-bit address and read/write bit as shown below.
SMBus Address Selection by SA_[0:2]
SA_2/
PLLBypass#
SA_1
SA_0
SMBus
Address
PLL
Mode
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
D0
D2
D4
D6
D8
DA
DC
DE
Bypass
Bypass
Bypass
Bypass
PLL
PLL
PLL
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com