Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 1 Page - Linx Technologies

Part # MDEV-433-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 1 Page - Linx Technologies

  MDEV-433-RM Datasheet HTML 1Page - Linx Technologies MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Page 1
s
Remote Control / Access Control
s
Remote Monitoring / Telemetry
s
Medical Alert
s
Remote Industrial Process Monitoring
s
Periodic Data Transfer
s
Lighting Control
s
Garage/Gate Openers
s
Security / Fire Alarms
s
Wire Elimination
APPLICATIONS INCLUDE:
s
Compact SIP-style package
s
No production tuning or setup
s
Precision SAW-controlled FM reception
s
Selective double-conversion superhet design
s
High sensitivity for superior range
s
Supports high data rates (up to 10 Kbps)
s
Wide supply range (3.9-9 vDC)
s
Carrier detect & AF outputs
s
Low power consumption (14mA)
s
Wide temperature range
FEATURE HIGHLIGHTS:
DESCRIPTION:
The LINX RM Series module incorporates
an ultra-sensitive, SAW-based, double-
conversion FM superheterodyne receiver.
When paired with the LINX RM Series
transmitter module the units create a highly
reliable RF link capable of transferring
analogue or high-speed digital data at
distances in excess of 500 ft. Like all Linx
modules, the RM Series needs no production
tuning or adjustment and requires no external RF components (except an
antenna). Observing simple design rules, the module is easily integrated even
by engineers lacking previous RF experience.
RM SERIES RECEIVER MODULE DATA GUIDE
HIGH PERFORMANCE
RF MODULE
RXM-418/433-RM
PART #
DESCRIPTION
MDEV-418-RM
Evaluation Kit 418 MHz
MDEV-433-RM
Evaluation Kit 433 MHz
TXM-418-RM-**
Transmitter 418 MHz
RXM-418-RM-** Receiver 418 MHz
TXM-433-RM-**
Transmitter 433 MHz
RXM-433-RM-** Receiver 433 MHz
** Inser t TB for Tube Packaging
ORDERING INFORMATION
Revised 2/8/00
Package Outline


Similar Part No. - MDEV-433-RM

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MDEV-433-RM LINX-MDEV-433-RM Datasheet
178Kb / 12P
R M SERIES TR A N S M I T T E R MODULE DATA G U I D E
2000
More results

Similar Description - MDEV-433-RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
LC SERIES RECEIVER MODULE DATA GUIDE
RXM-900-HP3-PPO ETC2-RXM-900-HP3-PPO Datasheet
408Kb / 13P
HP3 SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LC-S ETC2-RXM-315-LC-S Datasheet
386Kb / 9P
LC SERIES RECEIVER MODULE DATA GUIDE
RXM-315-LR ETC2-RXM-315-LR Datasheet
479Kb / 11P
LR SERIES RECEIVER MODULE DATA GUIDE
logo
Linx Technologies
MDEV-GPS-RM LINX-MDEV-GPS-RM Datasheet
1Mb / 27P
RM Series GPS Receiver Module
RXM-GPS-SG LINX-RXM-GPS-SG Datasheet
574Kb / 17P
SG SERIES GPS RECEIVER MODULE DATA GUIDE
2010
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
RXM-GPS-SR LINX-RXM-GPS-SR Datasheet
563Kb / 15P
SR SERIES GPS RECEIVER MODULE DATA GUIDE
11/22/10
RXM-900-HP3-PPO LINX-RXM-900-HP3-PPO Datasheet
408Kb / 13P
HP3 SERIES RECEIVER MODULE DATA GUIDE
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com