Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-433-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-433-RM Datasheet HTML 1Page - Linx Technologies MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Page 3
PIN DESCRIPTION
Pin 1
RF IN
The receiver antenna connects to this input.It is AC-coupled and has nominal RF
impedance of 50
Ω.
Pin 2 & 4
GROUND
This pin should be connected to a common groundplane.
Pin 3
DETECT
This pin may be used as described in this manual to derive an indication of when
a signal is being received. In combination with simple external circuits the pin is
useful for qualifying data and implementing power-save functions . If the detect
function is not being used, a 10 K
Ω pull up to pin 5 (Vcc) should be connected.
Pin 5
Vcc
Positive supply of 4 to 9 volts. The supply must be clean (<20 mV pp) stable and
free of high-frequency digital noise. A supply filter is recommended unless the
module is driven from its own regulated supply or battery.
Pin 6
AF (ANALOG OUTPUT)
This is the FM demodulator output. It has a standing DC bias of approximately 2
volts and may be used to recover analog signals such as audio or tones. Load
impedance as low as 2 K
Ω and up to 100 pF can be driven.
Pin 7
DATA (DIGITAL OUTPUT)
This digital output from the internal data slicer is a squared version of the signal
on pin 6 (AF). This signal is used to interface with external digital decoders, or
logic devices such as a microprocessor. The output recreates the digital input to
the transmitter. Load impedance as low as 1 K
Ω and up to 1 nF can be driven.
PHYSICAL PACKAGING
The receiver is packaged as a hybrid SIP module with five pins spaced 0.100 in.
on center.The SIP package allows easy accommodation of both horizontal and
vertical mounting requirements into a highly compact package. Its leaded design
allows for easy prototyping and simple integration into through-hole and surface-
mount designs. If the module will be bent and laid flush on the circuit board, it is
suggested that a pad of silicon or other adhesive be used to hold it in place.
figure 2: mechanical dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com