Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 4 Page - Linx Technologies

Part # MDEV-433-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 4 Page - Linx Technologies

  MDEV-433-RM Datasheet HTML 1Page - Linx Technologies MDEV-433-RM Datasheet HTML 2Page - Linx Technologies MDEV-433-RM Datasheet HTML 3Page - Linx Technologies MDEV-433-RM Datasheet HTML 4Page - Linx Technologies MDEV-433-RM Datasheet HTML 5Page - Linx Technologies MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 4
Parameter
Min.
Typical
Max
Units
Notes
Operating voltage range (Vcc)
pin 5
3.9
5.0
9.0
Volts
–
Supply current
pin 5
11
14
17
mA
–
Power-save mode current
150
µA
–
Receive frequency
Available in 418 & 433.92 MHz
Overall frequency accuracy
-100
0
+100
KHz
1
Sensitivity
pin 1
-95
-100
–
dBm
2
Carrier detect, threshold
pin 1
–
0.5
2.0
µV
–
RF input impedance
pin 1
–
50
–
Ohms
–
IF bandwidth
–
250
–
KHz
3
AF output level
pin 6
–
500
–
mVpp
2, 3
AF bandwidth
pin 6
DC
–
5
KHz
3
Frequency conversion
pin 6
–
10
–
mV/Khz
–
Data output, Logic low
pin 7
0
0.2
0.8
V
4
Logic high
pin 7
4.0
4.5
5
V
5
Data mark-space ratio
20%
–
80%
7
Data settling time
pin 7
–
–
15
mS
8
(minimum preamble duration)
Enable time
pin 3
–
–
2.5
mS
3, 9
Signal detect time
pin 3
–
–
0.5
mS
3, 9
1
over supply and temperature range
2
± 25 KHz deviation, 1 KHz tone
3
3 µV input
4
1 mA sink
5
1 mA source
7
(time high / time low) * 100%, averaged
over any 20 mS period
8 time from valid carrier detect to stable
data output
9 from application of supply to carrier
detect valid
10 from application of signal to carrier
detect low
PERFORMANCE DATA – LINX RM SERIES
Performance Data Parameters:
Ambient temperature:
20°C
Supply voltage:
+5 volt
Test circuit:
configured as shown in figure 3
Absolute Maximum Ratings:
Supply voltage Vcc, pin 5 -0.3
to
+10
Volts
Operating temperature
-10°C
to
+50°C
Storage temperature
-40°C
to
+100°C
RF input, pin 1
0 dBm
Any input or output pin
-0.3
to
Vcc Volts
± 10 mA
Notes:
*NOTE* Exceeding any of the limits of this section may lead to permanent damage to the
device. Furthermore, extended operation at these maximum ratings may reduce the life of
this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com