Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDEV-433-RM Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-433-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-433-RM Datasheet HTML 6Page - Linx Technologies MDEV-433-RM Datasheet HTML 7Page - Linx Technologies MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies MDEV-433-RM Datasheet HTML 10Page - Linx Technologies MDEV-433-RM Datasheet HTML 11Page - Linx Technologies MDEV-433-RM Datasheet HTML 12Page - Linx Technologies MDEV-433-RM Datasheet HTML 13Page - Linx Technologies MDEV-433-RM Datasheet HTML 14Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Page 10
This is an example of a basic remote control design utilizing Holtek
encoder/decoder IC available from Linx.
When a key is pressed at the
transmitter, a corresponding pin at the receiver goes high.This basic circuit can
be easily modified to suit a broad range of applications, and demonstrates the
ease of using and interfacing the Linx modules.
Notes:
1)
DIP Switch used to set ID code. A 4-position switch was chosen for this example but
all or none of the 8 address bits (A0-A7) may be used.Settings of the Receiver and
Transmitter must match for signal to be recognized.
2)
VT (valid transmission) pin goes high when incoming signal is recognized and
matched.
3)
These outputs will go high as the corresponding buttons are pushed at the
transmitter. They can be interfaced directly with a microprocessor or used to turn on
and off LED’s, buzzers, etc., (Holtek chips can only sink/source 1mA on output pins
so external components may require a driving transistor.)
Figure 10: Basic Wireless Encoder circuit
Figure 11: Basic Wireless Decoder circuit
BASIC REMOTE CONTROL EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com