Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACDZ-1818-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP221ACDZ-1818-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACDZ-1818-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP221ACDZ-1818-R7 Datasheet HTML 3Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 4Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 5Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 6Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 7Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 8Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 9Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 10Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADP220/ADP221
Rev. H | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.3 V, VOUT1 = VOUT2 = 2.8 V, IOUT = 10 mA, CIN = COUT1 = COUT2 = 1 µF, TA = 25°C, unless otherwise noted.
2.85
2.83
2.81
2.79
2.77
JUNCTION TEMPERATURE (°C)
2.75
–40
–5
25
85
125
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 4. Output Voltage vs. Junction Temperature
2.85
2.83
2.81
2.79
2.77
LOAD CURRENT (mA)
2.75
0.01
0.1
1
10
100
1k
VOUT = 2.8V
VIN = 3.3V
TA = 25°C
Figure 5. Output Voltage vs. Load Current
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE (V)
VOUT = 2.8V
TA = 25°C
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
2.85
2.83
2.81
2.79
2.77
2.75
Figure 6. Output Voltage vs. Input Voltage
140
120
100
80
60
40
20
JUNCTION TEMPERATURE (°C)
0
–40
–5
25
85
125
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 7. Ground Current vs. Junction Temperature, Single Output Loaded
120
100
80
60
40
20
0
VOUT = 2.8V
VIN = 3.3V
TA = 25°C
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1k
Figure 8. Ground Current vs. Load Current, Single Output Loaded
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE (V)
120
100
80
60
40
20
0
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 9. Ground Current vs. Input Voltage, Single Output Loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com