Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACDZ-1818-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP221ACDZ-1818-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACDZ-1818-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP221ACDZ-1818-R7 Datasheet HTML 8Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 9Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 10Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 11Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 12Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 13Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 14Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 15Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 12 of 20
APPLICATIONS INFORMATION
CAPACITOR SELECTION
Output Capacitor
The ADP220/ADP221 are designed for operation with small,
space-saving ceramic capacitors, but the parts function with
most commonly used capacitors as long as care is taken with
regards to the effective series resistance (ESR) value. The ESR
of the output capacitor affects stability of the LDO control loop.
A minimum of 0.70 µF capacitance with an ESR of 1 Ω or less
is recommended to ensure stability of the ADP220/ADP221.
Transient response to changes in load current is also affected by
output capacitance. Using a larger value of output capacitance
improves the transient response of the ADP220/ADP221 to large
changes in the load current. Figure 29 and Figure 30 show the
transient responses for output capacitance values of 1 µF and
4.7 µF, respectively.
2
1
3
CH1
200mA ΩBW CH2 50.0mV BW
CH3 10.0mV
B
W
M200ns A CH1
132mA
T 26.60%
T
ILOAD1 = 1mA TO 200mA, ILOAD2 = 1mA
ILOAD1
VOUT1
VOUT2, COUT = 1µF
Figure 29. Output Transient Response
ILOAD1 = 1 mA to 200 mA, ILOAD2 = 1 mA
CH1 = ILOAD1, CH2 = VOUT1, CH3 = VOUT2, COUT = 1 µF
2
1
3
CH1
200mA ΩBW CH2 50.0mV BW
CH3 10.0mV
B
W
M1.00µs A CH1
132mA
T 11.40%
T
ILOAD1 = 1mA TO 200mA, ILOAD2 = 1mA
ILOAD1
VOUT1
VOUT2, COUT = 4.7µF
Figure 30. Output Transient Response
ILOAD1 = 1 mA to 200 mA, ILOAD2 = 1 mA
CH1 = ILOAD1, CH2 = VOUT1, CH3 = VOUT2, COUT = 4.7 µF
Input Bypass Capacitor
Connecting a 1 µF capacitor from VIN to GND reduces the
circuit sensitivity to the PCB layout, especially when long input
traces or high source impedance are encountered. If an output
capacitance greater than 1 µF is required, the input capacitor
should be increased to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitor can be used with the ADP220/
ADP221, as long as the capacitor meets the minimum capacit-
ance and maximum ESR requirements. Ceramic capacitors are
manufactured with a variety of dielectrics, each with a different
behavior over temperature and applied voltage. Capacitors must
have an adequate dielectric to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions.
X5R or X7R dielectrics with a voltage rating of 6.3 V or 10 V are
recommended. Y5V and Z5U dielectrics are not recommended,
due to their poor temperature and dc bias characteristics.
Figure 31 depicts the capacitance vs. voltage bias characteristic
of an 0402 1 µF, 10 V, X5R capacitor. The voltage stability of a
capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or higher voltage
rating exhibits better stability. The temperature variation of the
X5R dielectric is about ±15% over the −40°C to +85°C tempera-
ture range and is not a function of the package or voltage rating.
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
VOLTAGE (V)
Figure 31. Capacitance vs. Voltage Bias Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com