Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACDZ-1818-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP221ACDZ-1818-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACDZ-1818-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP221ACDZ-1818-R7 Datasheet HTML 4Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 5Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 6Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 7Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 8Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 9Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 10Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 11Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP220/ADP221
Data Sheet
Rev. H | Page 8 of 20
160
140
120
100
80
60
40
20
JUNCTION TEMPERATURE (°C)
0
–40
–5
25
85
125
ILOAD = 10µA
ILOAD= 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 10. Ground Current vs. Junction Temperature, Both Outputs Loaded
140
120
100
80
60
40
20
0
LOAD CURRRENT (mA)
0.01
0.1
1
10
100
1k
VOUT = 2.8V
VIN = 3.3V
TA = 25°C
Figure 11. Ground Current vs. Load Current, Both Outputs Loaded
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
INPUT VOLTAGE (V)
140
120
100
80
60
40
20
0
ILOAD = 10µA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
Figure 12. Ground Current vs. Input Voltage, Both Outputs Loaded
–50
–25
125
100
75
50
25
0
TEMPERATURE (°C)
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3.3V
3.6V
4.0V
4.3V
4.9V
5.5V
Figure 13. Shutdown Current vs. Temperature at Various Input Voltages
1
10
100
1k
LOAD CURRENT (mA)
250
200
150
100
50
0
2.5V
2.8V
3.3V
Figure 14. Dropout Voltage vs. Load Current and Output Voltage
2.6
2.7
2.8
2.9
3.0
3.1
INPUT VOLTAGE (V)
2.90
2.85
2.80
2.75
2.70
2.65
2.60
2.55
2.50
2.45
2.40
ILOAD = 1mA
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 200mA
Figure 15. Output Voltage vs. Input Voltage (In Dropout)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com