Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP221ACDZ-1818-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP221ACDZ-1818-R7
Description  Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP221ACDZ-1818-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP221ACDZ-1818-R7 Datasheet HTML 11Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 12Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 13Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 14Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 15Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 16Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 17Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 18Page - Analog Devices ADP221ACDZ-1818-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
ADP220/ADP221
Rev. H | Page 15 of 20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TOTAL POWER DISSIPATION (W)
145
35
45
55
65
75
85
95
105
115
125
135
25
500mm2
50mm2
0mm2
TJMAX
Figure 35. Junction Temperature vs. Total Power Dissipation, TA = 25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TOTAL POWER DISSIPATION (W)
140
60
70
80
90
100
110
120
130
50
500mm2
50mm2
0mm2
TJMAX
Figure 36. Junction Temperature vs. Total Power Dissipation, TA = 50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TOTAL POWER DISSIPATION (W)
145
135
125
115
105
95
85
75
65
500mm2
50mm2
0mm2
TJMAX
Figure 37. Junction Temperature vs. Total Power Dissipation, TA = 65°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TOTAL POWER DISSIPATION (W)
135
95
105
115
125
85
500mm2
50mm2
0mm2
TJMAX
Figure 38. Junction Temperature vs. Total Power Dissipation, TA = 85°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.2
2.0
2.4
TOTAL POWER DISSIPATION (W)
140
20
60
100
40
80
120
0
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJMAX
Figure 39. Junction Temperature vs. Total Power Dissipation and
Board Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com