Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC300 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISC300
Description  Universal Precision Isolated MEASUREMENT CHANNEL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISC300 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ISC300 Datasheet HTML 1Page - Burr-Brown (TI) ISC300 Datasheet HTML 2Page - Burr-Brown (TI) ISC300 Datasheet HTML 3Page - Burr-Brown (TI) ISC300 Datasheet HTML 4Page - Burr-Brown (TI) ISC300 Datasheet HTML 5Page - Burr-Brown (TI) ISC300 Datasheet HTML 6Page - Burr-Brown (TI) ISC300 Datasheet HTML 7Page - Burr-Brown (TI) ISC300 Datasheet HTML 8Page - Burr-Brown (TI) ISC300 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
ISC300
3
SPECIFICATIONS (CONT)
ELECTRICAL
At VCC = 15V, VDD = 5V, TA = +25°C, unless otherwise noted.
NOTES: (1) See “High Voltage Testing” Section. (2) IMR is defined with respect to the voltage between Com 1 and Com 2 with both inputs tied to Com 1. (3) CMR is
defined with respect to the input common, Com 1, only. (4) Deviation from a straight line between the end points of the output voltage. (5) Device output remains
monotonic. (6) Limit referred to VREF1.
ABSOLUTE MAXIMUM RATINGS
Signal Input Voltage .........................................................................
±380V
Analog Supply Voltage VCC .................................................................. 18V
Digital Supply Voltage VDD ..................................................................... 7V
Voltage Across Barrier ................................................................. 800Vrms
Storage Temperature Range .......................................... –45
°C to +100°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
Out Short Circuit Duration ........................................ Continuous to Com 2
Relative Humidity (non-condensing) ............................................. 95% RH
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
18
19
20
21
22
23
24
25
26
27
28
10V Ref
–V
SS1
Sense 1
I
REF1
+In
–In
I
REF2
Sense 2
+V
SS1
Com 1
V
DD (+5V)
G
A
0
A
1
CLK
RST
DCom 2
V
CC (+15V)
CKI
Com 2
Out
Bottom View
NOTES: Stresses exceeding those listed above may cause permanent
damage to the device. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
TIMING INFORMATION
Data
RST
t
SU
t
HO
CLK
t
W
t
REL
t
W
t
W
ISC300
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT O/C SENSE
Sense Current
IS2, Sense 1 = 0V
0.7
µA
–IS2, Sense 2 = 0V
0.7
µA
REFERENCE CURRENT
Reference Current (IREF1)
199
200
201
µA
Reference Currents Ratio
IREF1 : IREF2
±0.5
%
DIGITAL INPUTS A0, A1, G, CLK, RST (74HC EQUIVALENT)
High-Level Input Voltage
3.5
V
Low-Level Input Voltage
1.5
V
Input Rise and Fall Times (tR, tr)
CLK RST A0, A1, G
450
ns
Pulse Width (tW)
CLK, RST
20
ns
Setup (tSU)
Data Change to CLK High
20
ns
Hold (tHO)
Data Change from CLK High
5
ns
Release (tREG)
RST High to CLK High
5
ns
CLOCK SYNC CKI
Input Voltage - High Level
VCC = 15V
11
V
Input Voltage - Low Level
VCC = 15V
4
V
Input Current - High Level
VIL = 11V VCC = 15V
350
µA
Input Current - Low Level
VIL = 4V VCC = 15V
350
µA
Input Frequency
45
50
55
kHz
Input Duty Cycle
45
55
%
TEMPERATURE RANGE
Specification
070
°C
Operating
070
°C
Storage
–40
85
°C
θ
JA
220
°C/W
TJ max
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com