Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC300 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISC300
Description  Universal Precision Isolated MEASUREMENT CHANNEL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISC300 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ISC300 Datasheet HTML 1Page - Burr-Brown (TI) ISC300 Datasheet HTML 2Page - Burr-Brown (TI) ISC300 Datasheet HTML 3Page - Burr-Brown (TI) ISC300 Datasheet HTML 4Page - Burr-Brown (TI) ISC300 Datasheet HTML 5Page - Burr-Brown (TI) ISC300 Datasheet HTML 6Page - Burr-Brown (TI) ISC300 Datasheet HTML 7Page - Burr-Brown (TI) ISC300 Datasheet HTML 8Page - Burr-Brown (TI) ISC300 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
q CALIBRATION CAPABILITY
q INTEGRAL SENSOR EXCITATION
q OPEN CIRCUIT SENSOR DETECTION
q LOW POWER: 80mW
q INSTRUMENT AMPLIFIER INPUT
q PROGRAMMABLE GAIN
q 12-BIT LINEARITY
q TWO ISOLATED POWER SUPPLIES:
±13V at 5mA
q LOW DRIFT 10V REFERENCE
APPLICATIONS
q UNIVERSAL INPUT CHANNEL FOR
PROCESS CONTROL SYSTEMS
q ISOLATED MEASUREMENT CHANNEL
FOR THERMOCOUPLE, RTD AND
VOLTAGE TRANSDUCERS
q CHANNEL TO CHANNEL ISOLATED
MULTIPLEXED SYSTEMS
q ISOLATED 4 TO 20mA RECEIVER
DESCRIPTION
The ISC300 is an isolated measurement channel with
open circuit sensor detection for use with RTD and
thermocouple temperature sensors. In addition to tem-
perature measurement, the ISC300 can accept full
scale input voltages of
±100mV and ±10V which
allows use with other sensors such as pressure, humid-
ity and flow sensors. The low level resistance mea-
surement capability also allows stimulus and measure-
ment of strain gauges. The measurement channel has
a highly stable internal reference which can be se-
lected from the output side. This allows the user to
calibrate each channel at the factory, record the cali-
bration data and periodically recalibrate the system
while in use over time and ambient temperature
changes.
SELECT
and GAIN
RST
CLK
No Change
1
0
No Change
1
1
Latch
1
^
RESET
0
X
INPUT
SELECT
A1
A0
Com1
00
+0.1V
0
1
+10V
1
0
Signal
1
1
GAIN
SELECT
G
0.5
0
50
1
Channel 1 Out
MUX
PGA
Channel 4
A
1
A
0
Channel 3
Channel 2
Ref
0.100V
Com 1
10.0V
99R
R
Current
Reference
20M
Filter
Modulate
Demod
Power
Rectify
Com 1
Com 2
O
P
T
O
C
O
U
P
L
E
L
A
T
C
H
Out
V
CC (+15)
CKI
Com 2
V
DD (+5)
CLK
G
A
0
A
1
RST
DCom 2
28
25
26
27
18
22
19
20
21
23
24
20M
+V
ISO
–V
ISO
+V
ISO
–V
ISO
Sense 2
+I
P
–I
P
Sense 1
V
REF
I
REF1
I
REF2
Com 1
–V
ISO
2
8
5
6
3
1
4
7
10
9
Barrier
Output Side
Input Side
®
ISC300
International Airport Industrial Park
•
Mailing Address: PO Box 11400
•
Tucson, AZ 85734
•
Street Address: 6730 S. Tucson Blvd.
•
Tucson, AZ 85706
Tel: (520) 746-1111
•
Twx: 910-952-1111
•
Cable: BBRCORP
•
Telex: 066-6491
•
FAX: (520) 889-1510
•
Immediate Product Info: (800) 548-6132
Universal Precision Isolated
MEASUREMENT CHANNEL
©1991 Burr-Brown Corporation
PDS-1135A
Printed in U.S.A. October, 1993


Similar Part No. - ISC300

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC320N12LM6 INFINEON-ISC320N12LM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-11
ISC320N12LM6ATMA1 INFINEON-ISC320N12LM6ATMA1 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 120 V
Rev. 2.0, 2023-10-11
logo
Isahaya Electronics Cor...
ISC3242AS1 ISAHAYA-ISC3242AS1 Datasheet
240Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3244AS1 ISAHAYA-ISC3244AS1 Datasheet
163Kb / 4P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
ISC3247AS1 ISAHAYA-ISC3247AS1 Datasheet
261Kb / 4P
FOR RELAY DRIVE, POWOR SUPPLY APPLICATION SILICON NPN EPITAXIAL TYPE
More results

Similar Description - ISC300

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
Per-Pin Precision Measurement Unit
EDGE4707B SEMTECH-EDGE4707B Datasheet
193Kb / 25P
Quad Channel Per-Pin Precision Measurement Unit
E737 SEMTECH-E737 Datasheet
470Kb / 18P
Per-Pin Precision Measurement Unit
EDGE4717D SEMTECH-EDGE4717D Datasheet
211Kb / 22P
Quad Channel, Per Pin Precision Measurement Unit
logo
Hamamatsu Corporation
S13360 HAMAMATSU-S13360_15 Datasheet
911Kb / 12P
MPPCs for precision measurement
logo
Silicon Laboratories
TS4100 SILABS-TS4100 Datasheet
1Mb / 24P
Precision Measurement
logo
PHOENIX CONTACT
2308098 PHOENIX-2308098 Datasheet
105Kb / 4P
Universal current measurement, no shunt required
logo
Isabellenhütte Heu...
IVT-S ISABELLENHUETTE-IVT-S Datasheet
1Mb / 45P
HIGH PRECISION CURRENT MEASUREMENT
Version 1.03
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
Precision Capacitance Measurement System
logo
Guangdong Youtai Semico...
NE556 UMW-NE556 Datasheet
1Mb / 7P
Universal dual channel precision timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com