Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC300 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISC300
Description  Universal Precision Isolated MEASUREMENT CHANNEL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISC300 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ISC300 Datasheet HTML 2Page - Burr-Brown (TI) ISC300 Datasheet HTML 3Page - Burr-Brown (TI) ISC300 Datasheet HTML 4Page - Burr-Brown (TI) ISC300 Datasheet HTML 5Page - Burr-Brown (TI) ISC300 Datasheet HTML 6Page - Burr-Brown (TI) ISC300 Datasheet HTML 7Page - Burr-Brown (TI) ISC300 Datasheet HTML 8Page - Burr-Brown (TI) ISC300 Datasheet HTML 9Page - Burr-Brown (TI) ISC300 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
®
ISC300
6
Figure 4 shows the configuration for voltage measurement.
A full scale input range of
±10V can be accepted by the
ISC300. The two sense lines can be connected to give open
or short circuit detection. An open circuit will result in an
output of < –5.1V and a short circuit will give a < 0.1V
output. See the Applications section under Fault Conditions
for more information.
Figure 7 shows a possible circuit configuration using jump-
ers to select voltage or RTD operation.
ISOLATED SUPPLIES
The two isolated supplies available on the input side are
capable of supplying
±11.5V min at 5mA. These can be used
to provide power for external front-end circuitry for addi-
tional signal processing. When using the isolated supplies, it
is necessary to decouple them as close to the device as
possible. 10
µF tantalum capacitors should be used. This will
also improve the signal-to-noise ratio.
FIGURE 3. Resistance Measurement Configuration.
FIGURE 4. Voltage Measurement Configuration.
+V
ISO
Sense 2
–In
+In
Sense 1
Filter and
MUX
Line Resistance
–10V
to
+10V
–V
ISO
Com 1
PGA
20M
Ω
20M
Ω
+V
ISO
I
1
I
2
Sense 2
Com 1
– In
+In
Com 1
I
REF1
I
REF2
–V
ISO
Filter and
MUX
Line Resistance
0
to
500
Ω
Ω
R
S
20M
Ω
PGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com