Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC300 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISC300
Description  Universal Precision Isolated MEASUREMENT CHANNEL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISC300 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ISC300 Datasheet HTML 3Page - Burr-Brown (TI) ISC300 Datasheet HTML 4Page - Burr-Brown (TI) ISC300 Datasheet HTML 5Page - Burr-Brown (TI) ISC300 Datasheet HTML 6Page - Burr-Brown (TI) ISC300 Datasheet HTML 7Page - Burr-Brown (TI) ISC300 Datasheet HTML 8Page - Burr-Brown (TI) ISC300 Datasheet HTML 9Page - Burr-Brown (TI) ISC300 Datasheet HTML 10Page - Burr-Brown (TI) ISC300 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
®
ISC300
9
Com 1
+In
–In
Undefined
–V
ISO
I
2
I
1
R
S
Output Undefined
FIGURE 13. –In and +In Open Circuit.
APPLICATIONS FLEXIBILITY
ISOLATED VOLTAGE MEASUREMENT CHANNEL
Figure 15 shows the ISC300 configured for a
±10V input.
With a few external components the ISC300 can accurately
convert a
±10V input to an isolated ±10V output with no
external adjustments. The primary function of the output
circuitry is to add gain to convert the
±5V output of the
ISC300 to
±10V, and to reduce output impedance. The
addition of a few resistors and capacitors provides an active
low pass filter with a cut off frequency of typically 200Hz.
The filter response is flat to 1dB and rolls off from cut off
at –12dB per octave.
ISOLATED MEASUREMENT BRIDGE CIRCUIT
Figure 16 shows a measurement bridge circuit using the
ISC300. All the input circuitry is powered by the ISC300
isolated supplies. The OPA1013 dual op amp is used to
Com 1
+In
–In
Undefined
–V
ISO
I
2
I
1
R
S
Output Undefined
FIGURE 14. Com 1 Open Circuit.
FIGURE 15. Isolated Voltage Measurement Channel with Output Filter.
OPA27GP
Logic
Control
6.8nF
±10V
OUT
+10V
IN
Out
ACom 2
DCom 2
+In
Sense 1
–In
Sense 2
Com 1
6.8nF
100k
Ω
100k
Ω
22k
Ω
22k
Ω
+V
CC
ƒ
–3dB = 200Hz
+V
DD
excite the measurement bridge and the INA102 is used to
amplify the bridge delta voltage. Connecting pins 4 and 7
together, and pins 5 and 6 together on the INA102 sets its
gain to 1000.
ISOLATED 4 TO 20MA RECEIVER
In Figure 17, the ISC300 converts a 4 to 20mA current to an
isolated 0 to 5V output. The 6.25
Ω resistor converts the 4 to
20mA input to 0.025 to 0.125V. The 125
Ω resistor in
conjunction with the 200
µA current source provides an
offset of –0.025V. Fine offset and gain adjustment gives an
accurate 0 to 0.1V input range.
Offset and Gain Adjustment
• Adjust R1 for 5V change on the output corresponding to
16mA change on the input.
• Adjust R2 with 4mA input for 0V output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com