Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5CA2 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB5CA2
Description  Head for non illuminated push button, Harmony XB5, black square flush pushbutton 횠22 mm spring return unmarked
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5CA2 Datasheet(HTML) 2 Page - Schneider Electric

  ZB5CA2 Datasheet HTML 1Page - Schneider Electric ZB5CA2 Datasheet HTML 2Page - Schneider Electric ZB5CA2 Datasheet HTML 3Page - Schneider Electric ZB5CA2 Datasheet HTML 4Page - Schneider Electric ZB5CA2 Datasheet HTML 5Page - Schneider Electric ZB5CA2 Datasheet HTML 6Page - Schneider Electric ZB5CA2 Datasheet HTML 7Page - Schneider Electric ZB5CA2 Datasheet HTML 8Page - Schneider Electric ZB5CA2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ambient Air Temperature for
Operation
-13…158 °F (-25…70 °C)
Overvoltage category
Class II IEC 60536
IP degree of protection
IP66 IEC 60529
NEMA degree of protection
NEMA 13
NEMA 4X
Resistance to high pressure
washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
IK degree of protection
IK03 IEC 50102
Product certifications
CSA
DNV
GL
LROS (Lloyds register of shipping)
UL Listed
BV
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Vibration resistance
5 gn 2…500 Hz)IEC 60068-2-6
Ordering and shipping details
Category
22467-PUSHBUTTONS,22MM(PLASTIC) NEW
Discount Schedule
CS2
GTIN
3389110925852
Nbr. of units in pkg.
1
Package weight(Lbs)
0.67 oz (19 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.26 in (3.2 cm)
Package 1 width
1.50 in (3.8 cm)
Package 1 Length
1.81 in (4.6 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
5
Package 2 Weight
3.53 oz (100 g)
Package 2 Height
1.77 in (4.5 cm)
Package 2 width
10.43 in (26.5 cm)
Package 2 Length
1.34 in (3.4 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
300
Package 3 Weight
14.10 lb(US) (6.396 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
2
Mar 7, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com