Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5CA2 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB5CA2
Description  Head for non illuminated push button, Harmony XB5, black square flush pushbutton 횠22 mm spring return unmarked
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5CA2 Datasheet(HTML) 1 Page - Schneider Electric

  ZB5CA2 Datasheet HTML 1Page - Schneider Electric ZB5CA2 Datasheet HTML 2Page - Schneider Electric ZB5CA2 Datasheet HTML 3Page - Schneider Electric ZB5CA2 Datasheet HTML 4Page - Schneider Electric ZB5CA2 Datasheet HTML 5Page - Schneider Electric ZB5CA2 Datasheet HTML 6Page - Schneider Electric ZB5CA2 Datasheet HTML 7Page - Schneider Electric ZB5CA2 Datasheet HTML 8Page - Schneider Electric ZB5CA2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product data sheet
Specifications
Head for non illuminated push
button, Harmony XB5, black square
flush pushbutton Ø22 mm spring
return unmarked
ZB5CA2
Product availability : Stock - Normally stocked in distribution
facility
Price* : 27.00 USD
Main
Range of Product
Harmony XB5
Product or Component Type
Head for non-illuminated push-button
Device short name
ZB5
Bezel material
Dark grey plastic
Mounting diameter
0.87 in (22 mm)
Head type
Standard
Sale per indivisible quantity
1
Shape of signaling unit head
Square
Type of operator
spring return
Operator profile
Black flush, unmarked
Complementary
CAD overall width
1.18 in (30 mm)
CAD overall height
1.18 in (30 mm)
CAD overall depth
1.10 in (28 mm)
Net weight
0.04 lb(US) (0.019 kg)
Mechanical durability
5000000 cycles
Station name
XALD 1...5 cut-outs
XALK 2...5 cut-outs
Electrical composition code
C1 9 single front mounting
C2 9 single and double front mounting
C11 3 single front mounting
C15 1 single front mounting
SF1 3 single front mounting
SR1 3 single rear mounting
Device presentation
Basic element
Environment
Protective treatment
TH
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Mar 7, 2022
1


Similar Part No. - ZB5CA2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB5CA1 SCHNEIDER-ZB5CA1 Datasheet
409Kb / 12P
Head for non illuminated push button, Harmony XB5, white square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA3 SCHNEIDER-ZB5CA3 Datasheet
404Kb / 12P
Head for non illuminated push button, Harmony XB5, green square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA4 SCHNEIDER-ZB5CA4 Datasheet
381Kb / 12P
Head for non illuminated push button, Harmony XB5, red square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
More results

Similar Description - ZB5CA2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA24 SCHNEIDER-ZB4BA24 Datasheet
357Kb / 13P
Head for non illuminated push button, Harmony XB4, black flush pushbutton 횠22 mm spring return unmarked
Oct 4, 2021
ZB5AA14 SCHNEIDER-ZB5AA14 Datasheet
397Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, white flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA24 SCHNEIDER-ZB5AA24 Datasheet
430Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, black flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA34 SCHNEIDER-ZB5AA34 Datasheet
395Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, green flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AA8 SCHNEIDER-ZB5AA8 Datasheet
437Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, grey flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AP38 SCHNEIDER-ZB5AP38 Datasheet
414Kb / 11P
Head for non illuminated push button, Harmony XB5, XB4, green flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5AP6S SCHNEIDER-ZB5AP6S Datasheet
406Kb / 12P
Head for non illuminated push button, Harmony XB5, XB4, blue flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA1 SCHNEIDER-ZB5CA1 Datasheet
409Kb / 12P
Head for non illuminated push button, Harmony XB5, white square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA3 SCHNEIDER-ZB5CA3 Datasheet
404Kb / 12P
Head for non illuminated push button, Harmony XB5, green square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA4 SCHNEIDER-ZB5CA4 Datasheet
381Kb / 12P
Head for non illuminated push button, Harmony XB5, red square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com