Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5CA2 Datasheet(PDF) 5 Page - Schneider Electric

Part # ZB5CA2
Description  Head for non illuminated push button, Harmony XB5, black square flush pushbutton 횠22 mm spring return unmarked
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5CA2 Datasheet(HTML) 5 Page - Schneider Electric

  ZB5CA2 Datasheet HTML 1Page - Schneider Electric ZB5CA2 Datasheet HTML 2Page - Schneider Electric ZB5CA2 Datasheet HTML 3Page - Schneider Electric ZB5CA2 Datasheet HTML 4Page - Schneider Electric ZB5CA2 Datasheet HTML 5Page - Schneider Electric ZB5CA2 Datasheet HTML 6Page - Schneider Electric ZB5CA2 Datasheet HTML 7Page - Schneider Electric ZB5CA2 Datasheet HTML 8Page - Schneider Electric ZB5CA2 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Product data sheet
Mounting and Clearance
ZB5CA2
Panel Cut-out for Pushbuttons, Switches and Pilot Lights (Finished Holes, Ready for Installation)
Connection by Screw Clamp Terminals or Plug-in Connectors or on Printed Circuit Board
(1)
Diameter on finished panel or support
(2)
For selector switches and Emergency stop buttons, use of an anti-rotation plate type ZB5AZ902 is recommended.
(3)
Ø22.5 mm recommended (Ø22.3 0+0.4) / Ø0.89 in. recommended (Ø0.88 in. 0+0.016)
Connections
a in mm
a in in.
b in mm
b in in.
By screw clamp terminals or plug-in connector
40
1.57
30
1.18
By Faston connectors
45
1.77
32
1.26
On printed circuit board
30
1.18
30
1.18
Detail of Lug Recess
(1)
Diameter on finished panel or support
(2)
For selector switches and Emergency stop buttons, use of an anti-rotation plate type ZB5AZ902 is recommended.
(3)
Ø22.5 mm recommended (Ø22.3 0+0.4) / Ø0.89 in. recommended (Ø0.88 in. 0+0.016)
Mar 7, 2022
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com