Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB5CA2 Datasheet(PDF) 11 Page - Schneider Electric

Part # ZB5CA2
Description  Head for non illuminated push button, Harmony XB5, black square flush pushbutton 횠22 mm spring return unmarked
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB5CA2 Datasheet(HTML) 11 Page - Schneider Electric

Back Button ZB5CA2 Datasheet HTML 4Page - Schneider Electric ZB5CA2 Datasheet HTML 5Page - Schneider Electric ZB5CA2 Datasheet HTML 6Page - Schneider Electric ZB5CA2 Datasheet HTML 7Page - Schneider Electric ZB5CA2 Datasheet HTML 8Page - Schneider Electric ZB5CA2 Datasheet HTML 9Page - Schneider Electric ZB5CA2 Datasheet HTML 10Page - Schneider Electric ZB5CA2 Datasheet HTML 11Page - Schneider Electric ZB5CA2 Datasheet HTML 12Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Product data sheet
Technical Description
ZB5CA2
Electrical Composition Corresponding to Code C15
1 N/O
1 N/C
1 N/O + N/C or 1 N/O + N/O or 1 N/C + N/C
Mar 7, 2022
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com