Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2133 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 3 Page - Microchip Technology

  DSC2133 Datasheet HTML 1Page - Microchip Technology DSC2133 Datasheet HTML 2Page - Microchip Technology DSC2133 Datasheet HTML 3Page - Microchip Technology DSC2133 Datasheet HTML 4Page - Microchip Technology DSC2133 Datasheet HTML 5Page - Microchip Technology DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006231A-page 3
DSC2133/DSC2233
Frequency
f0
2.3
—
460
MHz
Single frequency
Output Duty Cycle
SYM
48
—
52
%
Differential
Period Jitter (Note 5)
JPER
—
2.5
—
psRMS fO1 = fO2 = 156.25 MHz
Integrated Phase Noise
JCC
—
0.28
—
psRMS
200 kHz to 20 MHz @
148.5 MHz
—
0.4
—
100 kHz to 20 MHz @
148.5 MHz
—
1.7
2
12 kHz to 20 MHz @
148.5 MHz
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
–20
—
+70
°C
Ordering Option E
TA
–40
—
+85
°C
Ordering Option I
Junction Operating Temperature
TJ
—
—
+150
°C
—
Storage Temperature Range
TA
–55
—
+150
°C
—
Soldering Temperature Range
TS
—
—
+260
°C
40 sec. max
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +85°C rating. Sustained junction temperatures above +85°C can impact the device reliability.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Pin 4 VDD should be filtered with 0.01 µf capacitor.
2: Output is enabled if Enable pad is floated or not connected.
3: tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
4: Output Waveform and Test Circuit figures define the parameters.
5: Period Jitter includes crosstalk from adjacent output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com