Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2133 Datasheet(PDF) 6 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSC2133 Datasheet HTML 2Page - Microchip Technology DSC2133 Datasheet HTML 3Page - Microchip Technology DSC2133 Datasheet HTML 4Page - Microchip Technology DSC2133 Datasheet HTML 5Page - Microchip Technology DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology DSC2133 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DSC2133/DSC2233
DS20006231A-page 6
2022 Microchip Technology Inc. and its subsidiaries
4.0
OPERATIONAL DESCRIPTION
The DSC2133/DSC2233 are dual LVDS oscillators
consisting of a MEMS resonator and a support PLL IC.
The outputs are generated through independent 8-bit
programmable dividers from the output of the internal
PLL.
DSC2133/DSC2233 allow for easy programming of the
output frequencies using I2C/SPI interface. Upon
power-up, the initial output frequencies are controlled
by an internal pre-programmed memory (OTP). This
memory stores all coefficients required by the PLL for
two different default frequency pairs. The control pin
(FS) selects the initial pair. Once the device is powered
up, a new output frequency pair can be programmed.
Programming details are provided in the Programming
Guide. Standard default frequency pairs are described
in the following sections. Microchip supports customer
defined versions of the DSC2133/DSC2233.
When Enable (pin 1) is floated or connected to VDD,
the DSC2133/2233 is in operational mode. Driving
Enable to ground will tri-state both output drivers
(high-impedance mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com