Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2133 Datasheet(PDF) 13 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology DSC2133 Datasheet HTML 10Page - Microchip Technology DSC2133 Datasheet HTML 11Page - Microchip Technology DSC2133 Datasheet HTML 12Page - Microchip Technology DSC2133 Datasheet HTML 13Page - Microchip Technology DSC2133 Datasheet HTML 14Page - Microchip Technology DSC2133 Datasheet HTML 15Page - Microchip Technology DSC2133 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006231A-page 13
DSC2133/DSC2233
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSC2133FI2-E0020:
Low-Jitter I2C Programmable Dual LVDS Oscillator,
14-Lead 3.2 mm x 2.5 mm QFN, –40°C to +85°C
Temp. Range, ±25 ppm Stability, 110/Tube
b) DSC2233FI2-E0027T:
Low-Jitter SPI Programmable Dual LVDS Oscillator,
14-Lead 3.2 mm x 2.5 mm QFN, –40°C to +85°C
Temp. Range, ±25 ppm Stability, 1,000/Reel
Device:
DSC2133:
Low-Jitter I2C Programmable Dual LVDS
Oscillator
DSC2233:
Low-Jitter SPI Programmable Dual LVDS
Oscillator
Package:
F
=
14-Lead 3.2 mm x 2.5 mm QFN
Temperature
Range:
E
=
–20C to +70C (Extended Commercial)
I
=
–40C to +85C (Industrial)
Stability:
1
=
±50 ppm
2
=
±25 ppm
Frequency:
xxxxx
= Frequency in MHZ as defined in part-specific
data sheet from the ClockWorks® Configurator.
Packing Option:
<blank>=
110/Tube
T
=
1,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
PART No.
X
X
X
-XXXXX
X
Device
Package
Temp.
Range
Stability
Frequency
(MHz)
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com