Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2133 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC2133
Description  Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2133 Datasheet(HTML) 1 Page - Microchip Technology

  DSC2133 Datasheet HTML 1Page - Microchip Technology DSC2133 Datasheet HTML 2Page - Microchip Technology DSC2133 Datasheet HTML 3Page - Microchip Technology DSC2133 Datasheet HTML 4Page - Microchip Technology DSC2133 Datasheet HTML 5Page - Microchip Technology DSC2133 Datasheet HTML 6Page - Microchip Technology DSC2133 Datasheet HTML 7Page - Microchip Technology DSC2133 Datasheet HTML 8Page - Microchip Technology DSC2133 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006231A-page 1
DSC2133/DSC2233
Features
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±25 ppm, ±50 ppm
• Wide Temperature Range:
- Industrial: –40°C to +85°C
- Ext. Commercial: –20°C to +70°C
• High Supply Noise Rejection: –50 dBc
• Two Independent LVDS Outputs
• I2C/SPI Programmable Frequencies
• Wide Freq. Range:
- LVDS Output 2.3 MHz to 460 MHz
• Miniature Footprint of 3.2 mm x 2.5 mm
• Excellent Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x Better MTF than Quartz Oscillators
• Supply Range of 2.25 to 3.6V
• Lead-Free and RoHS Compliant
Applications
• Storage Area Networks
- SATA, SAS, Fibre Channel
• Passive Optical Networks
- EPON, 10G-EPON,GPON, 10G-PON
• Ethernet
- 1G, 10GBASE-T/KR/LR/SR, and FCoE
• HD/SD/SDI Video and Surveillance
• PCI Express
General Description
The DSC2133 and DSC2233 series of programmable,
high-performance dual LVDS oscillators utilizes a
proven silicon MEMS technology to provide excellent
jitter and stability while incorporating high output
frequency flexibility. DSC2133 and DSC2233 allow the
user to independently modify the frequency of each
output using I2C or SPI interface, respectively. User
can also select from two pre-programmed default
output frequencies using the control pin.
DSC2133 and DSC2233 are packaged in a 14-pin
3.2 mm x 2.5 mm QFN package and available in
temperature grades from Extended Commercial to
Industrial.
Functional Block Diagram
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator


Similar Part No. - DSC2133

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2133 MICREL-DSC2133 Datasheet
544Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
DSC2133FE1 MICREL-DSC2133FE1 Datasheet
544Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
DSC2133FE2 MICREL-DSC2133FE2 Datasheet
544Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
DSC2133FI1 MICREL-DSC2133FI1 Datasheet
544Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
DSC2133FI2 MICREL-DSC2133FI2 Datasheet
544Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
More results

Similar Description - DSC2133

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2133 MICREL-DSC2133 Datasheet
544Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS Oscillator
DSC2122 MICREL-DSC2122 Datasheet
650Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVPECL Oscillator
DSC2111 MICREL-DSC2111 Datasheet
567Kb / 6P
Low-Jitter I2C/SPI Programmable Dual CMOS Oscillator
DSC2130 MICREL-DSC2130 Datasheet
562Kb / 6P
Low-Jitter I2C/SPI Programmable LVDS Oscillator
DSC2131 MICREL-DSC2131 Datasheet
573Kb / 6P
Low-Jitter I2C/SPI Programmable Dual LVDS-CMOS Oscillator
DSC2132 MICREL-DSC2132 Datasheet
675Kb / 6P
Low-Jitter I2C/SPI Programmable LVDS-LVPECL Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2141 MICREL-DSC2141 Datasheet
553Kb / 6P
Low-Jitter I2C/SPI Programmable Dual HCSL-CMOS Oscillator
DSC2143 MICREL-DSC2143 Datasheet
568Kb / 6P
Low-Jitter I2C/SPI Programmable HCSL-LVDS Oscillator
DSC2144 MICREL-DSC2144 Datasheet
562Kb / 6P
Low-Jitter I2C/SPI Programmable Dual HCSL Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com