Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD1TR
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLD1TR Datasheet HTML 2Page - STMicroelectronics STLD1TR Datasheet HTML 3Page - STMicroelectronics STLD1TR Datasheet HTML 4Page - STMicroelectronics STLD1TR Datasheet HTML 5Page - STMicroelectronics STLD1TR Datasheet HTML 6Page - STMicroelectronics STLD1TR Datasheet HTML 7Page - STMicroelectronics STLD1TR Datasheet HTML 8Page - STMicroelectronics STLD1TR Datasheet HTML 9Page - STMicroelectronics STLD1TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4
Electrical characteristics
T(AMB) = -40 to +105 °C, T(J) < 125 °C unless otherwise specified. Typical values are at T(AMB) = 25 °C.
Table 5. Power supply characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(PVCC)
Line driver supply voltage
8
15
18
V
I(PVCC)_RX
Line driver supply current. Rx mode
No-load on AVDD_5V
350
400
μA
I(VCC)_RX
560
850
I(PVCC)_TX
Line driver supply current. Tx mode, no- load
No-load on AVDD_5V. Dual power
amplifier configuration
40
54
mA
No-load on AVDD_5V. Single
power amplifier configuration
20
mA
V(PVCC)_TH
Line driver supply voltage turn-on threshold
7
7.4
V
V(PVCC)_TL
Line driver supply voltage turn-off threshold
6.1
6.5
V
V(PVCC)_HYST
Line driver supply voltage hysteresis
0.5
V
V(AVDD_5V)
5 V regulator output voltage, no-load
4.5
5.2
5.5
V
Table 6. Line driver characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(PAx_OUT) BIAS
Power amplifier output.
Bias voltage
Rx mode
PVCC/2
V
Z(PA_OUT) RX
Power amplifier output
impedance in RX mode
TX_EN low
30
kΩ
V(PA_IN) BIAS
Power amplifier input.
Bias voltage
Set through external resistor divider
PVCC/2
V
GBWP
Power amplifier. Gain-
bandwidth product
149
MHz
tON
Power amplifier startup
time
TX_EN toggled low to high (1)
1
μs
I(PA_OUT)
Power amplifier output
current
Repetitive peak
1.5
A rms
V(PA_OUT) HD2
Power amplifier output.
2nd harmonic distortion
VCC = 18 V, V(PA_OUT) = 13 Vpp
(single-ended), Rload = 50 Ω, f = 100
kHz V(PA_OUT) DC = PVCC/2
-73
dBc
V(PAx_OUT) HD3
Power amplifier output.
3rd harmonic distortion
-76
dBc
V(PAx_OUT) THD
Power amplifier output.
Total harmonic distortion
-70
dB
V(PAx_OUT) HD2
Power amplifier output.
2nd harmonic distortion
VCC = 18 V, V(PA_OUT) = 13 Vpp
(single-ended), Rload = 50 Ω, f = 500
kHz, V(PA_OUT) DC = PVCC/2
-57
dBc
V(PAx_OUT) HD3
Power amplifier output.
3rd harmonic distortion
-76
dBc
V(PAx_OUT)THD
Power amplifier output.
Total harmonic distortion
-54
dB
STLD1
Electrical characteristics
DS12339 - Rev 2
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com