Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLD1TR
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLD1TR Datasheet HTML 3Page - STMicroelectronics STLD1TR Datasheet HTML 4Page - STMicroelectronics STLD1TR Datasheet HTML 5Page - STMicroelectronics STLD1TR Datasheet HTML 6Page - STMicroelectronics STLD1TR Datasheet HTML 7Page - STMicroelectronics STLD1TR Datasheet HTML 8Page - STMicroelectronics STLD1TR Datasheet HTML 9Page - STMicroelectronics STLD1TR Datasheet HTML 10Page - STMicroelectronics STLD1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C(PAx_INP),
C(PAx_INN)
Power amplifier input
capacitance
PA_IN+ vs. AGND, see (1)
10
pF
PA_IN- vs. AGND, see (1)
10
pF
PSRR
Power supply rejection
ratio
50 Hz
-100
dB
1 kHz
-88
dB
CSF_RATIO
Ratio between PA_OUT
and CSF output current
106
A/A
IBIAS_IN
Reference current input
Typical conditions
16 or 32
μA
IM3 in-band
In band 3rd order
intermodulation distortion
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 50
kHz, f2 = 80 kHz (2)
-72
dB
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 200
kHz, f2 = 300 kHz, see (2)
-71
dB
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 450
kHz, f2 = 500 kHz, see (2)
-67
dB
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 50 kHz, f2 =
80 kHz, see (2)
-74
dB
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 200 kHz, f2
= 300 kHz, see (2)
-72
dB
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 450 kHz, f2
= 500 kHz, see (2)
-68
dB
IM3 out-of-band
Out-of-band third-order
intermodulation distortion
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 50
kHz, f2 = 80 kHz (2)
-71
dB
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 200
kHz, f2 = 300 kHz, see (2)
-68
dB
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 450
kHz, f2 = 500 kHz, see (2)
-65
dB
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 50 kHz, f2 =
80 kHz, see (2)
-75
dB
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 200 kHz, f2
= 300 kHz, see (2)
-73
dB
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 450 kHz, f2
= 500 kHz, see (2)
-68
dB
STLD1
Electrical characteristics
DS12339 - Rev 2
page 7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com