Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLD1TR
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1TR Datasheet(HTML) 3 Page - STMicroelectronics

  STLD1TR Datasheet HTML 1Page - STMicroelectronics STLD1TR Datasheet HTML 2Page - STMicroelectronics STLD1TR Datasheet HTML 3Page - STMicroelectronics STLD1TR Datasheet HTML 4Page - STMicroelectronics STLD1TR Datasheet HTML 5Page - STMicroelectronics STLD1TR Datasheet HTML 6Page - STMicroelectronics STLD1TR Datasheet HTML 7Page - STMicroelectronics STLD1TR Datasheet HTML 8Page - STMicroelectronics STLD1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Pin configuration
Figure 3. Pin connections
Table 1. Pin descriptions
Pin
Name
Description
1
PGND
Power amplifier ground
2
PA2_OUT
Power amplifier 2 output
3
4
PA1_OUT
Power amplifier 1 output
5
6
PGND
Power amplifier ground
7
PVCC
8-18 V power amplifier supply input
8
VCC
8-18 V analog supply input for 5 V internal regulator and analog circuitry.
It has to be externally shorted to PVCC
9
AGND
Analog ground.
It has to be externally shorted to PGND
10
CSF_OUT
Power amplifier current feedback output
11
AVDD_5V
5 V internal regulator output
Use ≥ 10 μF bypass capacitor to AGND
12
RSV0
Reserved - connect to AGND
13
PA1_INN
Power amplifier 1 negative input
14
PA1_INP
Power amplifier 1 positive input
STLD1
Pin descriptions
DS12339 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com