Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD1TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLD1TR
Description  Power-line communication dual line driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD1TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLD1TR Datasheet HTML 4Page - STMicroelectronics STLD1TR Datasheet HTML 5Page - STMicroelectronics STLD1TR Datasheet HTML 6Page - STMicroelectronics STLD1TR Datasheet HTML 7Page - STMicroelectronics STLD1TR Datasheet HTML 8Page - STMicroelectronics STLD1TR Datasheet HTML 9Page - STMicroelectronics STLD1TR Datasheet HTML 10Page - STMicroelectronics STLD1TR Datasheet HTML 11Page - STMicroelectronics STLD1TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SFDR
Spurious-free dynamic
range
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 50
kHz, f2 = 80 kHz, see (2)
71
dBc
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 200
kHz, f2 = 300 kHz, see (2)
68
dBc
VCC = 15 V, Vout = 24 V p-p
(differential), Zload = 50 Ω, f1 = 450
kHz, f2 = 500 kHz, see (2)
65
dBc
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 50 kHz, f2 =
80 kHz, see (2)
69
dBc
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 200 kHz, f2
= 300 kHz, see (2)
68
dBc
VCC = 15 V, Vout = 12 V p-p (single-
ended), Zload = 50 Ω, f1 = 450 kHz, f2
= 500 kHz, see (2)
67
dBc
V(TX_ON_x) IL
TX_ON_x pin input low
level voltage
AGND
0.95
V
V(TX_ON_x) IH
TX_ON_x pin input high
level voltage
1.85
AVDD_5V
V
V(TX_ON_x) HYST
TX_ON_x pin input
voltage hysteresis
500
mV
T1
Thermal sensor
threshold see (2)
70
°C
T2
Thermal sensor
threshold see (2)
100
°C
T3
Thermal sensor
threshold see (2)
125
°C
T4
Thermal sensor
threshold see (2)
170
°C
T_HYST
Thermal sensor
hysteresis see (2)
10
°C
1. Not tested in production, guaranteed by design.
2. Characterization data, not tested in production.
Figure 4. Line driver test circuit (single-ended configuration)
C3
1 uF
SIGNAL IN
PAx_INP
-
+
R_LOAD
50R
PAx_OUT
PAx_INN
C1
100 nF
R3
100k
R4
100k
R1
10k
R2
40k
VCC
C2
100 nF
STLD1
Electrical characteristics
DS12339 - Rev 2
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com