Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L051F3 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 88Page - STMicroelectronics STM8L051F3 Datasheet HTML 89Page - STMicroelectronics STM8L051F3 Datasheet HTML 90Page - STMicroelectronics STM8L051F3 Datasheet HTML 91Page - STMicroelectronics STM8L051F3 Datasheet HTML 92Page - STMicroelectronics STM8L051F3 Datasheet HTML 93Page - STMicroelectronics STM8L051F3 Datasheet HTML 94Page - STMicroelectronics STM8L051F3 Datasheet HTML 95Page - STMicroelectronics STM8L051F3 Datasheet HTML 96Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
DS9178 Rev 4
95/96
STM8L051F3
Revision history
95
04-Jul-2017
3
(Cont.)
Updated (continuation):
– Figure 37: Power supply and reference decoupling (VREF+
connected to VDDA)
– Figure 38: TSSOP20 – 20-lead thin shrink small outline, 6.5 x
4.4 mm, 0.65 mm pitch, package outline
– Figure 39: TSSOP20 – 20-lead thin shrink small outline, 6.5 x
4.4 mm, 0.65 mm pitch, package footprint
– Table 25: Current consumption under external reset
Added
– Section : Device marking for TSSOP20 – 20-lead thin shrink small
outline, 6.5 x 4.4 mm, 0.65 mm pitch
– Figure 40: Device marking for TSSOP20 – 20-lead thin shrink small
outline, 6.5 x 4.4 mm, 0.65 mm pitch example
07-Sep-2018
4
Updated:
– 12-bit ADC up to 1 Msps/10 channels feature on cover page
– Section 3.8: Analog-to-digital converter
– Table 4: STM8L051F3 pin description
– Table 7: General hardware register map
– Table 43: ADC1 characteristics
– Table 47: RAIN max for fADC = 16 MHz
– Added introduction to following sections:
Section 3.2: Central processing unit STM8
Section 3.3: Reset and supply management
Section 3.13: Communication interfaces
Section 3.15: Development support
Section 5: Memory and register map
Section 6: Interrupt vector mapping
Section 8: Electrical parameters
Section 8.3.1: General operating conditions
Section 8.3.2: Embedded reset and power control block
characteristics
Table 54. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com