Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L051F3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM8L051F3
Description  8-bit ultra-low-power MCU, 8-Kbyte Flash memory, 256-byte data EEPROM, RTC, timers, USART, I2C, SPI, ADC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L051F3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM8L051F3 Datasheet HTML 13Page - STMicroelectronics STM8L051F3 Datasheet HTML 14Page - STMicroelectronics STM8L051F3 Datasheet HTML 15Page - STMicroelectronics STM8L051F3 Datasheet HTML 16Page - STMicroelectronics STM8L051F3 Datasheet HTML 17Page - STMicroelectronics STM8L051F3 Datasheet HTML 18Page - STMicroelectronics STM8L051F3 Datasheet HTML 19Page - STMicroelectronics STM8L051F3 Datasheet HTML 20Page - STMicroelectronics STM8L051F3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
DS9178 Rev 4
17/96
STM8L051F3
Functional overview
41
Figure 2. STM8L051F3 clock tree diagram
1. The HSE clock source can be either an external crystal/ceramic resonator or an external source (HSE
bypass). Refer to Section HSE clock in the STM8L050J3, STM8L051F3, STM8L052C6, STM8L052R8
MCUs and STM8L151/L152, STM8L162, STM8AL31, STM8AL3L lines reference manual (RM0031).
2. The LSE clock source can be either an external crystal/ceramic resonator or a external source (LSE
bypass). Refer to Section LSE clock in the STM8L050J3, STM8L051F3, STM8L052C6, STM8L052R8
MCUs and STM8L151/L152, STM8L162, STM8AL31, STM8AL3L lines reference manual (RM0031).
OSC_OUT
OSC_IN
HSE
HSI
LSI
LSE
LSE
LSI
HSE OSC
1-16 MHz
HSI RC
1-16 MHz
LSI RC
38 kHz
LSE OSC
32.768 kHz
OSC32_OUT
OSC32_IN
CCO
Configurable
clock output
/1;2;4;8;16;32;64
prescaler
CCO
HSE
HSI
LSI
LSE
/1;2;4;8;16;32;64
prescaler
SYSCLK
SYSCLK to core and
memory
PCLK to
peripherals
Peripheral
Clock
CLKBEEPSEL[1:0]
IWDGCLK
BEEPCLK
RTCCLK
enable (13 bits)
RTCSEL[3:0]
RTC
/1;2;4;8;16;32;64
prescaler
to
BEEP
to
IWDG
to
RTC
MS18281V2
SWIM[3:0]
CCOSEL[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com